công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

ATMEGA16HVB bảng dữ liệu(PDF) 5 Page - ATMEL Corporation

tên linh kiện ATMEGA16HVB
Giải thích chi tiết về linh kiện  8-bit Microcontroller with 16K/32K Bytes In-System Programmable Flash
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  ATMEL [ATMEL Corporation]
Trang chủ  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATMEGA16HVB bảng dữ liệu(HTML) 5 Page - ATMEL Corporation

  ATMEGA16HVB_09 Datasheet HTML 1Page - ATMEL Corporation ATMEGA16HVB_09 Datasheet HTML 2Page - ATMEL Corporation ATMEGA16HVB_09 Datasheet HTML 3Page - ATMEL Corporation ATMEGA16HVB_09 Datasheet HTML 4Page - ATMEL Corporation ATMEGA16HVB_09 Datasheet HTML 5Page - ATMEL Corporation ATMEGA16HVB_09 Datasheet HTML 6Page - ATMEL Corporation ATMEGA16HVB_09 Datasheet HTML 7Page - ATMEL Corporation ATMEGA16HVB_09 Datasheet HTML 8Page - ATMEL Corporation ATMEGA16HVB_09 Datasheet HTML 9Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 22 page
background image
5
8042A–AVR–07/09
ATmega16HVB/32HVB
2.
Overview
The ATmega16HVB/32HVB is a monitoring and protection circuit for 3 and 4-cell Li-ion applica-
tions with focus on high security/authentication, low cost and high utilization of the cell energy.
The device contains secure authentication features as well as autonomous battery protection
during charging and discharging. The External Protection Input can be used to implement other
battery protection mechanisms using external components, e.g. protection against chargers with
too high charge voltage can be easily implemented with a few low cost passive components.
The feature set makes the ATmega16HVB/32HVB a key component in any system focusing on
high security, battery protection, high system utilization and low cost.
Figure 2-1.
Block Diagram
ATmega16HVB/32HVB provides the necessary redundancy on-chip to make sure that the bat-
tery is protected in critical failure modes. The chip is specifically designed to provide safety for
the battery cells in case of pin shorting, loss of power (either caused by battery pack short or V
CC
PORTA (4)
SRAM
Flash
CPU
EEPROM
PV2
NV
OC
FET
Control
Voltage
ADC
Voltage
Reference
Coulomb
Counter ADC
GND
VCC
RESET/dW
Power
Supervision
POR &
RESET
Watchdog
Oscillator
Watchdog
Timer
Oscillator
Circuits /
Clock
Generation
VREF
VREFGND
PI
NI
PA3..0
PA1..0
8/16-bit T/C1
8/16-bit T/C0
PORTB (8)
PB7..0
SPI
Voltage
Regulator
Charger
Detect
VFET
VREG
BATT
PV1
DATA BUS
VPTAT
Current
Protection
Security
Module
PORTC (6)
PC5..0
Voltage Regulator
Monitor Interface
PB0
Oscillator
Sampling
Interface
Program
Logic
debugWIRE
Cell
Balancing
PV3
PV4
TWI
PPI
NNI
OD
PORTA (4)
SRAM
Flash
CPU
EEPROM
PV2
NV
OC
FET
Control
Voltage
ADC
Voltage
Reference
Coulomb
Counter ADC
GND
VCC
RESET/dW
Power
Supervision
POR &
RESET
Watchdog
Oscillator
Watchdog
Timer
Oscillator
Circuits /
Clock
Generation
VREF
VREFGND
PI
NI
PA3..0
PA1..0
8/16-bit T/C1
8/16-bit T/C0
PORTB (8)
PB7..0
SPI
Voltage
Regulator
Charger
Detect
VFET
VREG
BATT
PV1
DATA BUS
VPTAT
Current
Protection
Security
Module
PORTC (6)
PC5..0
Voltage Regulator
Monitor Interface
PB0
Oscillator
Sampling
Interface
Program
Logic
debugWIRE
Cell
Balancing
PV3
PV4
TWI
PPI
NNI
OD



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com