công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

ATSAM3U2CA-CU bảng dữ liệu(PDF) 45 Page - ATMEL Corporation

tên linh kiện ATSAM3U2CA-CU
Giải thích chi tiết về linh kiện  AT91ARM M3 Cortex-based Processor
PDF  61 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  ATMEL [ATMEL Corporation]
Trang chủ  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATSAM3U2CA-CU bảng dữ liệu(HTML) 45 Page - ATMEL Corporation

Back Button ATSAM3U2CA-CU Datasheet HTML 41Page - ATMEL Corporation ATSAM3U2CA-CU Datasheet HTML 42Page - ATMEL Corporation ATSAM3U2CA-CU Datasheet HTML 43Page - ATMEL Corporation ATSAM3U2CA-CU Datasheet HTML 44Page - ATMEL Corporation ATSAM3U2CA-CU Datasheet HTML 45Page - ATMEL Corporation ATSAM3U2CA-CU Datasheet HTML 46Page - ATMEL Corporation ATSAM3U2CA-CU Datasheet HTML 47Page - ATMEL Corporation ATSAM3U2CA-CU Datasheet HTML 48Page - ATMEL Corporation ATSAM3U2CA-CU Datasheet HTML 49Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 45 / 61 page
background image
45
6430BS–ATARM–01-Sep-09
SAM3U Series
11.2
Peripheral Signal Multiplexing on I/O Lines
The SAM3U features 3 PIO controllers, PIOA, PIOB and PIOC that multiplex the I/O lines of the
peripheral set.
Each PIO Controller controls up to 32 lines. Each line can be assigned to one of two peripheral
functions, A or B. The multiplexing tables in the following pages define how the I/O lines of
peripherals A and B are multiplexed on the PIO Controllers. The two columns “Extra Function”
and “Comments” have been inserted in this table for the user’s own comments, they may be
used to track how pins are defined in an application.
Note that some peripheral functions which are output only, might be duplicated within the tables.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61