công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

AT90USB1287 bảng dữ liệu(PDF) 29 Page - ATMEL Corporation

tên linh kiện AT90USB1287
Giải thích chi tiết về linh kiện  Microcontroller with 64/128K Bytes of ISP Flash and USB Controller
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  ATMEL [ATMEL Corporation]
Trang chủ  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT90USB1287 bảng dữ liệu(HTML) 29 Page - ATMEL Corporation

Back Button AT90USB1287 Datasheet HTML 25Page - ATMEL Corporation AT90USB1287 Datasheet HTML 26Page - ATMEL Corporation AT90USB1287 Datasheet HTML 27Page - ATMEL Corporation AT90USB1287 Datasheet HTML 28Page - ATMEL Corporation AT90USB1287 Datasheet HTML 29Page - ATMEL Corporation AT90USB1287 Datasheet HTML 30Page - ATMEL Corporation AT90USB1287 Datasheet HTML 31Page - ATMEL Corporation AT90USB1287 Datasheet HTML 32Page - ATMEL Corporation AT90USB1287 Datasheet HTML 33Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 35 page
background image
29
7593KS–AVR–11/09
AT90USB64/128
Problem Fix/workaround
No known workaround, enable AT90USB64/128 TWI first versus the others nodes of the
TWI network.
2.
High current consumption in sleep mode
If a pending interrupt cannot wake the part up from the selected mode, the current consump-
tion will increase during sleep when executing the SLEEP instruction directly after a SEI
instruction.
Problem Fix/workaround
Before entering sleep, interrupts not used to wake up the part from the sleep mode should
be disabled.
1.
Asynchronous timer interrupt wake up from sleep generates multiple interrupts
If the CPU core is in sleep and wakes-up from an asynchronous timer interrupt and then go
back in sleep again it may wake up multiple times.
Problem Fix/workaround
A software workaround is to wait with performing the sleep instruction until
TCNT2>OCR2+1.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35