| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
AT90USB646 bảng dữ liệu(PDF) 4 Page - ATMEL Corporation |
|
|
|||||||||||||||||||||||||||||
AT90USB646 bảng dữ liệu(HTML) 4 Page - ATMEL Corporation |
|
4 / 35 page ![]() 4 7593KS–AVR–11/09 AT90USB64/128 Figure 1-2. Pinout AT90USB64/128-QFN Note: The large center pad underneath the MLF packages is made of metal and internally connected to GND. It should be soldered or glued to the board to ensure good mechanical stability. If the center pad is left unconnected, the package might loosen from the board. 1.1 Disclaimer Typical values contained in this datasheet are based on simulations and characterization of other AVR microcontrollers manufactured on the same process technology. Min and Max values will be available after the device is characterized. 2. Overview The AT90USB64/128 is a low-power CMOS 8-bit microcontroller based on the AVR enhanced RISC architecture. By executing powerful instructions in a single clock cycle, the 2 3 1 4 5 6 7 8 9 10 11 12 13 14 16 33 15 47 46 48 45 44 43 42 41 40 39 38 37 36 35 34 AT90USB128/64 (64-lead QFN top view) INDEX CORNER (INT.7/AIN.1/UVcon) PE7 UVcc D- D+ UGnd UCap VBus (IUID) PE3 (SS/PCINT0) PB0 (INT.6/AIN.0) PE6 (PCINT1/SCLK) PB1 (PDI/PCINT2/MOSI) PB2 (PDO/PCINT3/MISO) PB3 (PCINT4/OC.2A) PB4 (PCINT5/OC.1A) PB5 (PCINT6/OC.1B) PB6 PA3 (AD3) PA4 (AD4) PA5 (AD5) PA6 (AD6) PA7 (AD7) PE2 (ALE/HWB) PC7 (A15/IC.3/CLKO) PC6 (A14/OC.3A) PC5 (A13/OC.3B) PC4 (A12/OC.3C) PC3 (A11/T.3) PC2 (A10) PC1 (A9) PC0 (A8) PE1 (RD) PE0 (WR) |