công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

TLF4277 bảng dữ liệu(PDF) 2 Page - Infineon Technologies AG

tên linh kiện TLF4277
Giải thích chi tiết về linh kiện  active antenna supply
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  INFINEON [Infineon Technologies AG]
Trang chủ  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLF4277 bảng dữ liệu(HTML) 2 Page - Infineon Technologies AG

  TLF4277 Datasheet HTML 1Page - Infineon Technologies AG TLF4277 Datasheet HTML 2Page - Infineon Technologies AG  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
How to reach us:
http://www.infineon.com
Published by
Infineon Technologies AG
81726 Munich, Germany
© 2009 Infineon Technologies AG
All Rights Reserved.
Legal Disclaimer The information given in this Product Brief
shall in no event be regarded as a guarantee of conditions
or characteristics. With respect to any examples or hints
given herein, any typical values stated herein and/or any
information regarding the application of the device, Infineon
Technologies hereby disclaims any and all warranties and
liabilities of any kind, including without limitation, warranties
of non-infringement of intellectual property rights of any third
party.
Information For further information on technology, delivery
terms and conditions and prices, please contact the nearest
Infineon Technologies Office (www.infineon.com).
Warnings Due to technical requirements, components may
contain dangerous substances. For information on the types
in question, please contact the nearest Infineon Technologies
Office. Infineon Technologies components may be used
in life-support devices or systems only with the express
written approval of Infineon Technologies, if a failure of such
components can reasonably be expected to cause the failure
of that life-support device or system or to affect the safety or
effectiveness of that device or system. Life support devices
or systems are intended to be implanted in the human body
or to support and/or maintain and sustain and/or protect
human life. If they fail, it is reasonable to assume that health
of the user or other persons may be endangered.
Order Number:
Published by Infineon Technologies AG
B124-H9399-X-X-7600
Product Brief
TLF 4277 Block Diagram
Key Facts:
Integrated Current Monitor
„
Adjustable Current Limitation
„
Adjustable Output Voltage Vq= 5V...12V
„
Current Capability 200mA
„
Current Consumption in off-Mode less than 3µA @25°C/µA up to 85°C
„
Low Quiescent Current Iq= max 250µA @ Iq= 200µA up to 85°C
„
Low drop Out Voltage Vdr= max 500mV @Iq= 150mA @ Iq= 50mA
„
TLF 4277



Html Pages

1 2


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com