công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

TLE8261E bảng dữ liệu(PDF) 43 Page - Infineon Technologies AG

tên linh kiện TLE8261E
Giải thích chi tiết về linh kiện  Universal System Basis Chip HERMES Rev. 1.0
PDF  82 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  INFINEON [Infineon Technologies AG]
Trang chủ  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE8261E bảng dữ liệu(HTML) 43 Page - Infineon Technologies AG

Back Button TLE8261E Datasheet HTML 39Page - Infineon Technologies AG TLE8261E Datasheet HTML 40Page - Infineon Technologies AG TLE8261E Datasheet HTML 41Page - Infineon Technologies AG TLE8261E Datasheet HTML 42Page - Infineon Technologies AG TLE8261E Datasheet HTML 43Page - Infineon Technologies AG TLE8261E Datasheet HTML 44Page - Infineon Technologies AG TLE8261E Datasheet HTML 45Page - Infineon Technologies AG TLE8261E Datasheet HTML 46Page - Infineon Technologies AG TLE8261E Datasheet HTML 47Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 43 / 82 page
background image
Data Sheet
43
Rev. 1.0, 2009-03-31
TLE8261E
Supervision Functions
10
Supervision Functions
10.1
Reset Function
10.1.1
Description
The reset output pin RO provides information to the microcontroller, for example, in the event that the output
voltage has fallen below the undervoltage threshold
V
RT1/2/3. When connecting the SBC to battery voltage, the
reset signal remains LOW initially. When the output voltage
V
cc1µC has reached the reset threshold VRT1,r, the reset
output RO remains LOW for the reset delay time
t
rd1. After that the RO is released to HIGH. A reset can also occur
due to faulty Watchdog refresh.See Chapter 10.2. The reset threshold as well as the reset delay time can be
adjusted via SPI. The RO pin has an integrated pull-up resistor.
10.1.2
Reset diagnosis
The RO pin is diagnosed for both short circuit to
V
ccx and GND. Depending on the configuration, in case of RO
failure, the SBC goes to SBC Fail-Safe or Restart Mode and activate the Limp Home output.
In case of short circuit to GND, it is detected in any SBC mode except SBC Restart Mode. At the falling edge of
the RO, when supposed to be HIGH, the SBC enters automatically the SBC Restart Mode. If after the
t
rd and RO
relaxation, the RO pin is still LOW, then the SBC detects the clamping to LOW failure. The microcontroller is in
permanent reset.
In case of short circuit to
V
ccx, the SBC cannot detect the short circuit before a reset should occur. So reset
clamped is detected when the SBC goes to SBC Restart Mode or during Init Mode.
10.1.3
Reset Timing
Figure 18
Reset Timing Diagram
t
RD1
t
LW
SBC Init
RO
SPI
t
V
CC
V
RTx
undervoltage
t
RDx
SBC Normal
t
t
t
LW
t < t
RR
t
RR
t
CW
SBC Restart
SBC Normal
SPI
Init
Res_per_8264.vsd
t
CW
t
OW
WD
Trigger
t
CW
t
OW
WD
Trigger
SPI
Init



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com