| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
TLE7809G bảng dữ liệu(PDF) 18 Page - Infineon Technologies AG |
|
|
|||||||||||||||||||||||||||||
TLE7809G bảng dữ liệu(HTML) 18 Page - Infineon Technologies AG |
|
18 / 52 page ![]() TLE7809G Low Dropout Voltage Regulator Data Sheet 18 Rev. 3.01, 2008-04-15 7 Low Dropout Voltage Regulator The Low Drop-Out Voltage Regulator (LDO) has mainly been integrated in the TLE7809G in order to supply the integrated microcontroller and several modules of the SBC. Note: The LDO is not intended to be used as supply for external loads. However, it might be used as supply for small external loads (see Table 13 “Operating Range” on Page 34). In the event of a short circuit condition at the V cc pin, a shutdown/reset of the TLE7809G may occur due to overcurrent condition. This maximum output current for external loads is specified in the electrical characteristics. The voltage regulator output is protected against overload and overtemperature. An external reverse current protection is required at the pin V S to prevent the output capacitor at VCC from being discharged by negative transients or low V S voltage. |