| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
TLE7368 bảng dữ liệu(PDF) 37 Page - Infineon Technologies AG |
|
|
|||||||||||||||||||||||||||||
TLE7368 bảng dữ liệu(HTML) 37 Page - Infineon Technologies AG |
|
37 / 39 page ![]() Data Sheet 37 Rev. 1.1, 2007-11-08 TLE7368 Package Outlines Figure 12 PG-DSO-36-24 (Plastic Green - Dual Small Outline Package) Green Product (RoHS compliant) To meet the world-wide customer requirements for environmentally friendly products and to be compliant with government regulations the device is available as a green product. Green products are RoHS-Compliant (i.e Pb-free finish on leads and suitable for Pb-free soldering according to IPC/JEDEC J-STD-020). GPS01153 Exposed Diepad Index Marking 1) Does not include plastic or metal protrusion of 0.15 max. per side 2) Does not include dambar protrusion of 0.05 max. per side Index Marking 1 18 7 36 19 18 1 19 36 Bottom View 0.65 17 x 0.65 = 11.05 ±0.08 0.33 2) A-B 0.17 M 36x C C C 12˚ D 0.1 36x SEATING PLANE -0.2 7.6 1) 0.35 x 45˚ 0.7 ±0.2 10.3 ±0.3 A D 1) 12.8 -0.2 B You can find all of our packages, sorts of packing and others in our Infineon Internet Page “Products”: http://www.infineon.com/products. Dimensions in mm |