| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
TLE4309 bảng dữ liệu(PDF) 8 Page - Infineon Technologies AG |
|
|
|||||||||||||||||||||||||||||
TLE4309 bảng dữ liệu(HTML) 8 Page - Infineon Technologies AG |
|
8 / 12 page ![]() Datasheet 8 Rev. 1.0, 2007-03-20 TLE4309 Package Outline Figure 3 PG-TO263-7-1 Green Product (RoHS compliant) To meet the world-wide customer requirements for environmentally friendly products and to be compliant with government regulations the device is available as a green product. Green products are RoHS-Compliant (i.e Pb-free finish on leads and suitable for Pb-free soldering according to IPC/JEDEC J-STD-020). A 8˚ max. B A 0.25 M 0.1 Typical 9.8 ±0.15 ±0.2 10 8.5 1) 0...0.15 7x0.6±0.1 ±0.1 1.27 4.4 B 0.5 ±0.1 0.05 1) 0.1 All metal surfaces tin plated, except area of cut. 2.4 6x1.27 GPT09114 find all packages, sorts of packing and others on the Infineon Internet Page “Packages”: http://www.infineon.com/packages. Dimensions in mm SMD = Surface Mounted Device |