công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

TLE4250-2 bảng dữ liệu(PDF) 2 Page - Infineon Technologies AG

tên linh kiện TLE4250-2
Giải thích chi tiết về linh kiện  Low Dropout Voltage Tracking Regulator
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  INFINEON [Infineon Technologies AG]
Trang chủ  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE4250-2 bảng dữ liệu(HTML) 2 Page - Infineon Technologies AG

  TLE4250-2 Datasheet HTML 1Page - Infineon Technologies AG TLE4250-2 Datasheet HTML 2Page - Infineon Technologies AG TLE4250-2 Datasheet HTML 3Page - Infineon Technologies AG TLE4250-2 Datasheet HTML 4Page - Infineon Technologies AG TLE4250-2 Datasheet HTML 5Page - Infineon Technologies AG TLE4250-2 Datasheet HTML 6Page - Infineon Technologies AG TLE4250-2 Datasheet HTML 7Page - Infineon Technologies AG TLE4250-2 Datasheet HTML 8Page - Infineon Technologies AG TLE4250-2 Datasheet HTML 9Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 17 page
background image
PG-SCT595-5
Type
Package
Marking
TLE4250-2G
PG-SCT595-5
52
Data sheet
2
Rev. 1.0, 2007-07-24
Low Dropout Voltage Tracking Regulator
TLE4250-2
1Overview
Features
•
50 mA Output Current Capability
•
Tiny SMD-Package PG-SCT595-5 with lowest
thermal resistance
•
Low Output Tracking Tolerance
•
Stable with Small Ceramic Output Capacitor
•
Low Dropout Voltage
•
Combined Reference / Enable Input
•
Low Current Consumption in Stand-by Mode
•
Maximum Input Voltage -42 V
≤ VI ≤ +45 V
•
Reverse Polarity Protection
•
Output Short Circuit Proof to Ground and Supply
•
Overtemperature Protection
•
Temperature Range -40
°C ≤ Tj ≤ 150 °C
•
Green Product (RoHS compliant)
•
AEC Qualified
Functional Description
The TLE4250-2 is a monolithic integrated low dropout voltage tracker in a tiny SMD package PG-SCT595-5 with
excellent thermal resistance. It is designed to supply off-board loads (e.g. sensors) in automotive environment.
The IC protects itself in case of overload, overtemperature, reverse polarity as well as output short circuit to battery
and ground.
Supply voltages up to
V
I = 45 V are regulated to a reference voltage applied at the adjust input “ADJ” with high
accuracy. The output “Q” is able to drive loads up to 50 mA.
In order to reduce the quiescent current to a minimum, the TLE4250-2 can be switched to stand-by mode by
setting the adjust/enable input “ADJ/EN” to “low”.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com