công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

ICS2305 bảng dữ liệu(PDF) 7 Page - Integrated Device Technology

tên linh kiện ICS2305
Giải thích chi tiết về linh kiện  3.3 VOLT ZERO DELAY LOW SKEW BUFFER
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  IDT [Integrated Device Technology]
Trang chủ  http://www.idt.com
Logo IDT - Integrated Device Technology

ICS2305 bảng dữ liệu(HTML) 7 Page - Integrated Device Technology

  ICS2305 Datasheet HTML 1Page - Integrated Device Technology ICS2305 Datasheet HTML 2Page - Integrated Device Technology ICS2305 Datasheet HTML 3Page - Integrated Device Technology ICS2305 Datasheet HTML 4Page - Integrated Device Technology ICS2305 Datasheet HTML 5Page - Integrated Device Technology ICS2305 Datasheet HTML 6Page - Integrated Device Technology ICS2305 Datasheet HTML 7Page - Integrated Device Technology ICS2305 Datasheet HTML 8Page - Integrated Device Technology ICS2305 Datasheet HTML 9Page - Integrated Device Technology  
Zoom Inzoom in Zoom Outzoom out
 7 / 9 page
background image
ICS2305
3.3 VOLT ZERO DELAY LOW SKEW BUFFER
ZERO DELAY BUFFER
IDT™ / ICS™ 3.3 VOLT ZERO DELAY LOW SKEW BUFFER
7
ICS2305
REV E 081709
Ordering Information
*NOTE: EOL for non-green parts to occur on 5/13/10 per PDN U-09-01
“LF” denotes Pb (lead free) package.
While the information presented herein has been checked for both accuracy and reliability, IDT assumes no responsibility for either its use or for
the infringement of any patents or other rights of third parties, which would result from its use. No other circuits, patents, or licenses are implied.
This product is intended for use in normal commercial applications. Any other applications such as those requiring extended temperature range,
high reliability, or other extraordinary environmental requirements are not recommended without additional processing by IDT. IDT reserves the
right to change any circuitry or specifications without notice. IDT does not authorize or warrant any IDT product for use in life support devices or
critical medical instruments.
Part / Order Number
Marking
Shipping Packaging
Package
Temperature
2305MI-1*
2305MI-1
Tubes
8-pin SOIC
-40 to +85
° C
2305MI-1T*
2305MI-1
Tape and Reel
8-pin SOIC
-40 to +85
° C
2305MI-1H*
2305MI1H
Tubes
8-pin SOIC
-40 to +85
° C
2305MI-1HT*
2305MI1H
Tape and Reel
8-pin SOIC
-40 to +85
° C
2305MI-1LF
2305MI1L
Tubes
8-pin SOIC
-40 to +85
° C
2305MI-1LFT
2305MI1L
Tape and Reel
8-pin SOIC
-40 to +85
° C
2305MI-1HLF
2305I1HL
Tubes
8-pin SOIC
-40 to +85
° C
2305MI-1HLFT
2305I1HL
Tape and Reel
8-pin SOIC
-40 to +85
° C
2305M-1*
2305M-1
Tubes
8-pin SOIC
0 to +70
° C
2305M-1T*
2305M-1
Tape and Reel
8-pin SOIC
0 to +70
° C
2305M-1H*
2305M-1H
Tubes
8-pin SOIC
0 to +70
° C
2305M-1HT*
2305M-1H
Tape and Reel
8-pin SOIC
0 to +70
° C
2305M-1LF
2305M1LF
Tubes
8-pin SOIC
0 to +70
° C
2305M-1LFT
2305M1LF
Tape and Reel
8-pin SOIC
0 to +70
° C
2305M-1HLF
2305M1HL
Tubes
8-pin SOIC
0 to +70
° C
2305M-1HLFT
2305M1HL
Tape and Reel
8-pin SOIC
0 to +70
° C



Html Pages

1 2 3 4 5 6 7 8 9