công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

IAA110P bảng dữ liệu(PDF) 2 Page - Clare, Inc.

tên linh kiện IAA110P
Giải thích chi tiết về linh kiện  Integrated Telecom Circuits
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  CLARE [Clare, Inc.]
Trang chủ  http://www.clare.com
Logo CLARE - Clare, Inc.

IAA110P bảng dữ liệu(HTML) 2 Page - Clare, Inc.

  IAA110P_1 Datasheet HTML 1Page - Clare, Inc. IAA110P_1 Datasheet HTML 2Page - Clare, Inc. IAA110P_1 Datasheet HTML 3Page - Clare, Inc. IAA110P_1 Datasheet HTML 4Page - Clare, Inc. IAA110P_1 Datasheet HTML 5Page - Clare, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
www.clare.com
2
IAA110P
R03
Parameter
Conditions
Symbol
Min
Typ
Max
Units
Relay Portion
Output Characteristics @ 25°C
Blocking Voltage (Peak)
I
L= 1µA
V
L
-
-
350
V
Load Current (Continuous)
-
I
L
-
-
100
mA
Peak Load Current
10ms
I
LPK
-
-
350
mA
On-Resistance
I
L=100mA
R
ON
-
-
35
Ω
Off-State Leakage Current
V
L=350V; TJ=25°C
I
LEAK
-
-
1
µA
Switching Speeds
Turn-On
I
F=5mA, VL =10V
T
ON
-
-
3
ms
Turn-Off
I
F=5mA, VL=10V
T
OFF
-
-
3
ms
Output Capacitance
V
L=50V, f=1MHz
-
-
25
-
pF
Relay Portion
Input Characteristics @ 25°C
Input Control Current
I
L=100mA
I
F
5
-
50
mA
Input Dropout Current
I
L=1mA
I
F
0.4
-
-
mA
Input Voltage Drop
I
F=5mA
V
F
0.9
1.2
1.4
V
Reverse Input Voltage
-
V
R
-
-
5
V
Reverse Input Current
V
R=5V
I
R
-
-
10
µA
Detector Portion
Output Characteristics @ 25°C
Phototransistor Blocking Voltage
I
C =10µA
BV
CEO
20
50
-
V
Phototransistor Dark Current
V
CE=5V, IF =0mA
I
CEO
-
50
500
nA
Saturation Voltage
I
C=2mA, IF=16mA
V
SAT
-
0.3
0.5
V
Current Transfer Ratio
I
F=6mA, VCE=0.5V
CTR
33
-
-
%
Detector Portion
Input Characteristics @ 25°C
Input Control Current
I
C=2mA,VCE=0.5V
I
F
6
2
-
mA
Input Voltage Drop
I
F=5mA
I
CEO
0.9
1.2
1.4
V
Input Current
I
C=1µA, VCE=5V
-
5
25
-
µA
(Detector must be off)
Input to Output Capacitance
V
L=50V, f=1MHz
C
I/O
-
3
-
pF
Input to Output Isolation
-
V
I/O
3750
-
-
V
rms
Absolute Maximum Ratings are stress ratings. Stresses
in excess of these ratings can cause permanent damage
to the device. Functional operation of the device at these
or any other conditions beyond those indicated in the
operational sections of this data sheet is not implied.
Exposure of the device to the absolute maximum ratings
for an extended period may degrade the device and affect
its reliability.
Absolute Maximum Ratings (@ 25˚ C)
Parameter
Min
Typ Max Units
Total Package Dissipation 1
-
-
1
W
Isolation Voltage
Input to Output
3750
-
-
V
rms
Operational Temperature
-40
-
+85
°C
Storage Temperature
-40
-
+125
°C
1 Above 25˚C derate linerity 1.67mw/˚C
Electrical Characteristics



Html Pages

1 2 3 4 5


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com