| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
CPC7595MATR bảng dữ liệu(PDF) 24 Page - Clare, Inc. |
|
|
|||||||||||||||||||||||||||||
CPC7595MATR bảng dữ liệu(HTML) 24 Page - Clare, Inc. |
|
24 / 24 page ![]() CPC7595 24 www.clare.com R02 3.3 Soldering 3.3.1 Moisture Reflow Sensitivity Clare has characterized the moisture reflow sensitivity for this product using IPC/JEDEC standard J-STD-020. Moisture uptake from atmospheric humidity occurs by diffusion. During the solder reflow process, in which the component is attached to the PCB, the whole body of the component is exposed to high process temperatures. The combination of moisture uptake and high reflow soldering temperatures may lead to moisture induced delamination and cracking of the component. To prevent this, this component must be handled in accordance with IPC/JEDEC standard J-STD-033 per the labeled moisture sensitivity level (MSL), level 1 for the SOIC package, and level 3 for the DFN package. 3.3.2 Reflow Profile For proper assembly, this component must be processed in accordance with the current revision of IPC/JEDEC standard J-STD-020. Failure to follow the recommended guidelines may cause permanent damage to the device resulting in impaired performance and/or a reduced lifetime expectancy. 3.4 Washing Clare does not recommend ultrasonic cleaning of this part. RoHS 2002/95/EC e3 Pb For additional information please visit www.clare.com Clare, Inc. makes no representations or warranties with respect to the accuracy or completeness of the contents of this publication and reserves the right to make changes to specifications and product descriptions at any time without notice. Neither circuit patent licenses or indemnity are expressed or implied. Except as set forth in Clare’s Standard Terms and Conditions of Sale, Clare, Inc. assumes no liability whatsoever, and disclaims any express or implied warranty relating to its products, including, but not limited to, the implied warranty of merchantability, fitness for a particular purpose, or infringement of any intellectual property right. The products described in this document are not designed, intended, authorized, or warranted for use as components in systems intended for surgical implant into the body, or in other applications intended to support or sustain life, or where malfunction of Clare’s product may result in direct physical harm, injury, or death to a person or severe property or environmental damage. Clare, Inc. reserves the right to discontinue or make changes to its products at any time without notice. Specification: DS-CPC7595-R02 © Copyright 2009, Clare, Inc. All rights reserved. Printed in USA. 10/14/09 |