| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
CPC7593MATR bảng dữ liệu(PDF) 17 Page - Clare, Inc. |
|
|
|||||||||||||||||||||||||||||
CPC7593MATR bảng dữ liệu(HTML) 17 Page - Clare, Inc. |
|
17 / 24 page ![]() CPC7593 R04 www.clare.com 17 2.3.4 Make-Before-Break Operation Logic Table (Ringing to Talk Transition) 2.3.5 Break-Before-Make Operation Break-before-make operation of the CPC7593 can be achieved using two different techniques. The first method uses manipulation of the (INRINGING, INTESTin, INTESTout) logic inputs as shown in “Break-Before-Make Operation Logic Table (Ringing to Talk Transition)” on page 17. 1. At the end of the ringing state apply the all-off state (1,0,1). This releases the ringing return switch (SW3) while the ringing switch remains on waiting for the next zero current event. 2. Hold the all-off state for at least one-half of a ringing cycle to assure that a zero crossing event occurs and that the ringing switch (SW4) has opened. 3. Apply inputs for the next desired state. For the talk state, the inputs would be (0,0,0). Break-before-make operation occurs when the ringing switch opens before the break switches SW1 and SW2 close. 2.3.6 Break-Before-Make Operation Logic Table (Ringing to Talk Transition) 2.3.7 Alternate Break-Before-Make Operation The second break-before-make method is also available for use with all versions of the CPC7593. As shown in “Truth Table for CPC7593xA and CPC7593xB” on page 14 and “Truth Table for CPC7593xC and CPC7593xD” on page 14, the bi-directional TSD interface disables all of the CPC7593 switches when pulled to a logic low. Although logically disabled, an active (closed) ringing switch (SW4) will remain closed until the next current zero crossing event. State INRINGING INTESTin INTESTout Latch TSD Timing Break Switches Ringing Return Switch (SW3) Ringing Switch (SW4) Test Switches Ringing 1 0 0 0Z -Off On On Off Make- Before- Break 00 0 SW4 waiting for next zero-current crossing to turn off. Maximum time is one-half of the ringing cycle. In this transition state, current that is limited to the break switch dc current limit value will be sourced from the ring node of the SLIC. On Off On Off Talk 0 0 0 Zero-cross current has occurred On Off Off Off State INRINGING INTESTin INTESTout Latch TSD Timing Break Switches Ringing Return Switch (SW3) Ringing Switch (SW4) Test Switches Ringing 1 0 0 0Z -Off On On Off All-off * 10 1 Hold this state for at least one-half of ringing cycle. SW4 waiting for zero current to turn off. Off Off On Off Break- Before- Make * 10 1 Zero current has occurred. SW4 has opened Off Off Off Off Talk 0 0 0 Break switches close. On Off Off Off * For the CPC7593xA/B versions the input pattern (1,1,1) may also be used for the all-off state. |