| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
CPC7594 bảng dữ liệu(PDF) 14 Page - Clare, Inc. |
|
|
|||||||||||||||||||||||||||||
CPC7594 bảng dữ liệu(HTML) 14 Page - Clare, Inc. |
|
14 / 20 page ![]() CPC7594 14 www.clare.com R03 Make-Before-Break Ringing to Talk Transition Logic Sequence 2.3.4 Break-Before-Make Operation Break-before-make operation of the CPC7594 can be achieved using two different techniques. The first method uses manipulation of the INRINGING and INTEST logic inputs as shown in “Break-Before-Make Ringing to Talk Transition Logic Sequence” on page 14. 1. At the end of the ringing state apply the all off state (1,1). This releases the ringing return switch (SW3) while the ringing switch (SW4) remains on, waiting for the next zero current event. 2. Hold the all off state for at least one-half of a ringing cycle to assure that a zero crossing event occurs and that SW4, the ringing switch, has opened. 3. Apply inputs for the next desired state. For the talk state, the inputs would be (0,0). Break-before-make operation occurs when the ringing switches open before the break switches SW1 and SW2 close. Break-Before-Make Ringing to Talk Transition Logic Sequence 2.3.5 Alternate Break-Before-Make Operation The alternate break-before-make technique is available for all versions of the CPC7594. As shown in “CPC7594xA and CPC7594xB Truth Table” on page 11 and “CPC7594xC Truth Table” on page 11, the bi-directional TSD interface disables all of the switches when pulled to a logic low. Although logically disabled, an active ringing switch (SW4) will remain closed until the next zero crossing current event. As shown in the table “Alternate Break-Before-Make Ringing to Talk Transition Logic Sequence” on page 15, this operation is similar to the one shown in “Alternate Break-Before-Make Operation” on page 14, except in the method used to select the all off state, and in when the INRINGING and INTEST inputs are reconfigured for the talk state. State INRINGING INTEST LATCH TSD Timing Break Switches Ringing Return Switch (SW3) Ringing Switch (SW4) Test Switches Ringing 1 0 0Z -Off On On Off Make- before- break 00 SW4 waiting for next zero-current crossing to turn off. Maximum time is one-half of the ringing cycle. In this transition state current limited by the dc break switch current limit value will be sourced from the ring node of the SLIC. On Off On Off Talk 0 0 Zero-cross current has occurred On Off Off Off State INRINGING INTEST LATCH TSD Timing Break Switches Ringing Return Switch (SW3) Ringing Switch (SW4) Test Switches Ringing 1 0 0Z -Off On On Off All-Off 1 1 Hold this state for at least one-half of the ringing cycle. SW4 waiting for zero current to turn off. Off Off On Off Break- Before- Make 11 Zero current has occurred. SW4 has opened Off Off Off Off Talk 0 0 Break switches close. On Off Off Off |