| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
CPC7592MATR bảng dữ liệu(PDF) 10 Page - Clare, Inc. |
|
|
|||||||||||||||||||||||||||||
CPC7592MATR bảng dữ liệu(HTML) 10 Page - Clare, Inc. |
|
10 / 20 page ![]() CPC7592 10 www.clare.com R03 1.10 Truth Tables 1.10.1 CPC7592xA and CPC7592xB Truth Table 1.10.2 CPC7592xC Truth Table State INRINGING INTEST LATCH TSD Break Switches Ringing Switches Test Switches Talk 0 0 0 Z 1 On Off Off Test 0 1 Off Off On Ringing 1 0 Off On Off All-Off 1 1 Off Off Off Latched X X 1 Unchanged All-Off X X X 0 Off Off Off 1 Z = High Impedance. Because T SD has an internal pull up at this pin, it should be controlled with an open-collector or open-drain type device. State INRINGING INTEST LATCH TSD Break Switches Ringing Switches Test Switches Talk 0 0 0 Z 1 On Off Off Test/Monitor 0 1 On Off On Ringing 1 0 Off On Off Ringing Test 1 1 Off On On Latched X X 1 Unchanged All-Off X X X 0 Off Off Off 1 Z = High Impedance. Because T SD has an internal pull up at this pin, it should be controlled with an open-collector or open-drain type device. |