công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

HFV4N/12-H1T-RXXX bảng dữ liệu(PDF) 2 Page - Hongfa Technology

tên linh kiện HFV4N/12-H1T-RXXX
Giải thích chi tiết về linh kiện  AUTOMOTIVE RELAY
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  HONGFA [Hongfa Technology]
Trang chủ  http://www.hongfa.com
Logo HONGFA - Hongfa Technology

HFV4N/12-H1T-RXXX bảng dữ liệu(HTML) 2 Page - Hongfa Technology

  HFV4N/12-H1T-RXXX Datasheet HTML 1Page - Hongfa Technology HFV4N/12-H1T-RXXX Datasheet HTML 2Page - Hongfa Technology HFV4N/12-H1T-RXXX Datasheet HTML 3Page - Hongfa Technology HFV4N/12-H1T-RXXX Datasheet HTML 4Page - Hongfa Technology HFV4N/12-H1T-RXXX Datasheet HTML 5Page - Hongfa Technology  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
<7
/PNOKIEM NLECGBHCKDE
/VVV0
60 I_ ma^ lpbm\a2h__ i^Zd ohemZ`^ h_ \hbe bl k^jnbk^] mh [^ lfZee^k maZg 655T1 P6 hk P7 laZee [^ nl^] /f^Zlnk^] ohemZ`^ h_ 67T bl 683:T1 maZm h_ 79T bl
7<T0@ I_ iZkZee^e ]bh]^1 X^g^k Dbh]^ hk hma^k \hfihg^gml Zk^ k^jnbk^]1 ie^Zl^ \hgmZ\m Hhg`_Z _hk fhk^ m^\agb\Ze lniihkml3
JZfi 60
P^lblmbo^
KZd^
Bk^Zd
KZd^
Bk^Zd
KZd^
Bk^Zd
6v65:
88
75
75
69
;5 70
6;
6v65:
Ig]n\mbo^
>;
6;
6
=
6v65:
JhZ]
ohemZ`^
JhZ] mri^
ChgmZ\m
fZm^kbZe
JhZ] pbkbg`
]bZ`kZf 90
JhZ] \nkk^gm A
Ee^\mkb\Ze
^g]nkZg\^ 80
MNQ
Mg4M__ kZmbh
Mg
l
M__
l
Q^^
]bZ`kZf 6
Q^^
]bZ`kZf 7
Q^^
]bZ`kZf 8
60 KZq3 ZeehpZ[e^ ho^k]kbo^ ohemZ`^ bl lmZm^] pbma gh ehZ] Ziieb^]3
70 IeenlmkZm^] pbma ma^ mri^ pbma iZkZee^e k^lblmhk /;=5 1 67T01 /7<55 1 79T03
67
67
79
79
637
637
739
739
=:
=:
8:5
8:5
222
;=5
222
7<55
222
<:3;
222
85>3=
63<
63>
63;
63>
7537
7537
953:
953:
6:3<
6:3<
863:
863:
Zm 78
Zm =:
KZq3 ZeehpZ[e^ ho^k]kbo^
ohemZ`^ 60 TDC
q/6 65,0
q/6 :,0
<3=
<3=
6:3;
6:3;
60 Ra^ ehZ] bg ma^ mZ[e^ ^q\en]^l _eZla^k3 Ua^g Ziieb^] bg _eZla^k1 Z li^\bZe lbeo^k Zeehr /A`QgM70 \hgmZ\m fZm^kbZe lahne] [^ nl^] Zg] ma^ \nlmhf^k
li^\bZe \h]^ lahne] [^ /6<50 Zl Z ln__bq3 Ne^Zl^ a^^] ma^ Zgh]^ Zg] \Zmah]^.l k^jn^lm pa^g pbk^]1 m^kfbgZe 85 lahne] \hgg^\m pbma Zgh]^3
70 Chkk^lihg]l mh ma^ i^Zd bgknla \nkk^gm hg bgbmbZe Z\mnZmbhg /\he] _beZf^gm03
80 A ehp k^lblmbo^ hk ]bh]^ lniik^llbhg ]^ob\^ bg iZkZee^e mh ma^ k^eZr \hbe bg\k^Zl^l ma^ k^e^Zl^ mbf^ Zg] k^]n\^l ma^ eb_^ mbf^ \Znl^] [r bg\k^Zl^]
^khlbhg Zg] 4hk ab`a^k kbld h_ \hgmZ\m p^e]bg`3
90 Ra^ ehZ] pbkbg` ]bZ`kZfl Zk^ eblm^] [^ehp?
:0 JhZ]l f^gmbhg^] bg mabl \aZkm bl _hk k^eZrl pbma gh iZkZee^e ]bh]^ hk X^g^k Dbh]^3 Fhk mahl^ pbma iZkZee^e ]bh]^1 X^g^k Dbh]^ hk hma^k \hfihg^gml1
ie^Zl^ \hgmZ\m Hhg`_Z _hk fhk^ m^\agb\Ze lniihkml3
Ne^Zl^ Zelh \hgmZ\m Hhg`_Z b_ ma^ Z\mnZe Ziieb\Zmbhg ehZ] bl ]b__k^gm _khf paZm f^gmbhg^] Z[ho^]3
/956 0.=.
Zm 78
NZkZee^e
k^lblmZg\^ 70
EjnboZe^gm
k^lblmZg\^
Chbe
k^lblmZg\^
LhfbgZe
ohemZ`^
TDC
Nb\d2ni
ohemZ`^
TDC
Dkhi2hnm
ohemZ`^
TDC
Nhp^k
\hglnfimbhg
U
HFT9L 467
6
R
2H
2P
/KGHQKHOBFE
~*? 67TDC
*+? 79TDC
/KJOBCO BMMBJFEIEJO
4? 6 Fhkf A
/KJOBCO 7BOEMGBH
=- A`QgM7
9;01;583 5829;7.=598
=RLE
:BMBHHEH MENGNOKM 60
^3`3 /6<50 lmZg]l _hk _eZla^k ehZ]
?EMNGKJ
~? OC R^kfbgZe
+? NeZlmb\ Qakhn]^]
,? K^mZe Qakhn]^]
/98=./= 0.=.:0
Zm 78
]bZ`kZf 7
JZfi
Ig]n\mbo^
]bZ`kZf 8
]bZ`kZf 6
P^lblmbo^
P
85
=<
=<
P
85
Y
=<
=<
85
=<
=<
7<TDC
A`QgM7
A`QgM7
A`QgM7
;- Ubma k^lblmhk/;=5 1 67T0 /7<55 1 79T0
;~- Ubma k^lblmhk/:;5 1 67T0 /6755 1 79T0
;*- Ubma k^lblmhk/9<5 1 67T0 /6555 1 79T0 8GH- Lh k^lblmhk



Html Pages

1 2 3 4 5


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com