| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
EMC2113 bảng dữ liệu(PDF) 20 Page - SMSC Corporation |
|
|
|||||||||||||||||||||||||||||
EMC2113 bảng dữ liệu(HTML) 20 Page - SMSC Corporation |
|
20 / 85 page ![]() RPM-Based Fan Controller with Multiple Temperature Zones & Hardware Thermal Shutdown Datasheet Revision 1.2 (10-08-09) 20 SMSC EMC2113 DATASHEET 5.2.4 Receive Byte The Receive Byte protocol is used to read data from a register when the internal register address pointer is known to be at the right location (e.g. set via Send Byte). This is used for consecutive reads of the same register as shown in Table 5.6. 5.2.5 Block Write The Block Write is used to write multiple data bytes to a group of contiguous registers as shown in Table 5.7. It is an extension of the Write Byte Protocol. 5.2.6 Block Read The Block Read is used to read multiple data bytes from a group of contiguous registers as shown in Table 5.8. It is an extension of the Read Byte Protocol. Table 5.6 Receive Byte Protocol START SLAVE ADDRESS RD ACK REGISTER DATA NACK STOP 1 -> 0 YYYY_YYY 1 0 XXh 1 0 -> 1 Table 5.7 Block Write Protocol START SLAVE ADDRESS WR ACK REGISTER ADDRESS ACK REGISTER DATA ACK 1 ->0 YYYY_YYY 0 0 XXh 0 XXh 0 REGISTER DATA ACK REGISTER DATA ACK . . . REGISTER DATA ACK STOP XXh 0 XXh 0 . . . XXh 0 0 -> 1 Table 5.8 Block Read Protocol START SLAVE ADDRESS WR ACK REGISTER ADDRESS ACK START SLAVE ADDRESS RD ACK REGISTER DATA 1->0 YYYY_YYY 0 0 XXh 0 1 ->0 YYYY_YYY 1 0 XXh ACK REGISTER DATA ACK REGISTER DATA ACK REGISTER DATA ACK . . . REGISTER DATA NACK STOP 0 XXh 0 XXh 0 XXh 0 . . . XXh 1 0 -> 1 |