| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
USB2514B bảng dữ liệu(PDF) 64 Page - SMSC Corporation |
|
|
|||||||||||||||||||||||||||||
USB2514B bảng dữ liệu(HTML) 64 Page - SMSC Corporation |
|
64 / 72 page ![]() USB 2.0 Hi-Speed Hub Controller Datasheet Revision 1.0 (3-11-09) 64 SMSC USB251x DATASHEET Note 9.3 Output leakage is measured with the current pins in high impedance. Note 9.4 See USB 2.0 specification for USB DC electrical characteristics. Supply Current Suspend USB2512/12A/12B USB2512i/12Ai/12Bi USB2513/13B USB2513i/13Bi USB2514/14B USB2514i/14Bi USB2517 USB2517i ICSBY ICSBY ICSBY ICSBY ICSBY ICSBY ICSBY ICSBY 310 310 310 310 310 310 310 310 420 600 420 550 420 600 610 800 μA μA μA μA μA μA μA μA All supplies combined Supply Current Reset USB2512/12A/12B USB2512i/12Ai/12Bi USB2513/13B USB2513i/13Bi USB2514/14B USB2514i/14Bi USB2517 USB2517i ICRST ICRST ICRST ICRST ICRST ICRST ICRST ICRST 105 105 100 100 100 100 115 115 275 400 230 350 275 400 320 600 μA μA μA μA μA μA μA μA All supplies combined Table 9.1 DC Electrical Characteristics (continued) PARAMETER SYMBOL MIN TYP MAX UNITS COMMENTS |