| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
USB2513B bảng dữ liệu(PDF) 9 Page - SMSC Corporation |
|
|
|||||||||||||||||||||||||||||
USB2513B bảng dữ liệu(HTML) 9 Page - SMSC Corporation |
|
9 / 72 page ![]() USB 2.0 Hi-Speed Hub Controller Datasheet SMSC USB251x 9 Revision 1.0 (3-11-09) DATASHEET Supports custom string descriptors (up to 31 characters): - Product string - Manufacturer string - Serial number string When available, pin selectable options for default configuration may include: -Downstream ports as non-removable ports -Downstream ports as disabled ports -Downstream port power control and over-current detection on a ganged or individual basis -USB signal drive strength -USB differential pair pin location |