| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
USB2512B bảng dữ liệu(PDF) 59 Page - SMSC Corporation |
|
|
|||||||||||||||||||||||||||||
USB2512B bảng dữ liệu(HTML) 59 Page - SMSC Corporation |
|
59 / 72 page ![]() USB 2.0 Hi-Speed Hub Controller Datasheet SMSC USB251x 59 Revision 1.0 (3-11-09) DATASHEET 6. Complies with Section 11.10 of the USB 2.0 specification for behavior after completion of the reset sequence. The host then configures the hub and the hub’s downstream port devices in accordance with the USB specification. Note: The hub does not propagate the upstream USB reset to downstream devices. |