| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
CAP1005 bảng dữ liệu(PDF) 21 Page - SMSC Corporation |
|
|
|||||||||||||||||||||||||||||
CAP1005 bảng dữ liệu(HTML) 21 Page - SMSC Corporation |
|
21 / 53 page ![]() 5 and 6 Channel Capacitive Touch Sensor Datasheet SMSC CAP1005 / CAP1006 21 Revision 1.1 (08-05-09) DATASHEET 3.5.4 Read Data The Read Data protocol is used to read data from the device. During the normal mode of operation, while the device is receiving data, the CAP1005 is simultaneously transmitting data to the host. For the Set Address commands and the Write Data commands, this data may be invalid and it is recommended that the Read Data command is used. Figure 3.4 SPI Write Command - Normal Mode Figure 3.5 SPI Read Command - Normal Mode Master SPDOUT SPI_MOSI Data to Write SPI_CS# SPI_CLK Write Command – 7Eh Unknown, Invalid Data Old Data at Current Address Pointer SPI_MISO Master Drives Slave Drives 1. Data written at current address pointer 2. Address pointer incremented Master SPDOUT SPI_MOSI Master Drives Slave Drives SPI_CLK First Read Command – 7Fh SPI_CS# Invalid, Unknown Data * SPI_MISO ‘0’ ‘1’ ‘1’ ‘1’ ‘1’ ‘1’ ‘1’ ‘1’ Subsequent Read Commands – 7F Data at Current Address Pointer Address Pointer Incremented ** ‘0’ ‘1’ ‘1’ ‘1’ ‘1’ ‘1’ ‘1’ ‘1’ * The first read command after any other command will return invalid data for the first byte. Subsequent read commands will return the data at the Current Address Pointer ** The Address Pointer is incremented 8 clocks after the Read Command has been received. Therefore continually sending Read Commands will result in each command reporting new data. Once Read Commands have been finished, the last data byte will be read during the next 8 clocks for any command |