công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

CPC1002N bảng dữ liệu(PDF) 1 Page - Clare, Inc.

tên linh kiện CPC1002N
Giải thích chi tiết về linh kiện  4-Pin SOP OptoMOS짰 Relay
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  CLARE [Clare, Inc.]
Trang chủ  http://www.clare.com
Logo CLARE - Clare, Inc.

CPC1002N bảng dữ liệu(HTML) 1 Page - Clare, Inc.

  CPC1002N Datasheet HTML 1Page - Clare, Inc. CPC1002N Datasheet HTML 2Page - Clare, Inc. CPC1002N Datasheet HTML 3Page - Clare, Inc. CPC1002N Datasheet HTML 4Page - Clare, Inc. CPC1002N Datasheet HTML 5Page - Clare, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
www.clare.com
DS-CPC1002N-R03
1
CPC1002N
4-Pin SOP OptoMOS® Relay
RoHS
2002/95/EC
e3
Pb
Part #
Description
CPC1002N
4-Pin SOP (100/tube)
CPC1002NTR
4-Pin SOP (2000/reel)
Parameter
Rating
Units
Blocking Voltage
60
V
P
Load Current
700
mA
Max On-resistance
0.55
Ω
LED Current to operate
2
mA
Applications
Features
Description
Ordering Information
Pin Configuration
• Security
• Passive Infrared Detectors (PIR)
• Data Signalling
• Sensor Circuitry
• Instrumentation
• Multiplexers
• Data Acquisition
• Electronic Switching
• I/O Subsystems
• Meters (Watt-Hour, Water, Gas)
• Medical Equipment—Patient/Equipment Isolation
• Aerospace
• Industrial Controls
• Designed for use in security systems complying
with EN50130-4
• Only 2mA of LED current required to operate
• Small 4-Pin SOP Package
• TTL/CMOS Compatible input
• 100% Solid State
• High Reliability
• Arc-Free With No Snubbing Circuits
• 1500V
rms Input/Output Isolation
• No EMI/RFI Generation
• Immune to radiated EM fields
• SMD Pick & Place, Wave Solderable
• Tape & Reel Version Available
The CPC1002N is a miniature 1-Form-A DC solid
state relay in a 4-Pin SOP package that employs
optically coupled MOSFET technology to provide
1500V
rms of input/output isolation. The super-efficient
MOSFET switches and photovoltaic die use Clare’s
patented OptoMOS architecture. The optically coupled
output is controlled by the input's highly efficient
GaAlAs infrared LED. The CPC1002N uses Clare’s
state of the art double-molded vertical construction
packaging to produce one of the world’s smallest
relays. The CPC1002N offers board space savings of
at least 20% over the competitor’s larger 4-Pin SOP
relay.
1
2
3
4
+ Control
– Control
DC +
DC -
Switching Characteristics of
Normally Open (Form A) Devices
Control
I
LOAD
10%
90%
t
ON
+
+
t
OFF
Approvals
• UL Recognized Component: File # E76270
• EN/IEC 60950-1 Compliant
• CSA Certified Component: Certificate # 1172007


Số phần tương tự - CPC1002N

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Clare, Inc.
CPC1002N CLARE-CPC1002N Datasheet
230Kb / 3P
4-Pin SOP OptoMOS Relay
logo
IXYS Corporation
CPC1002N IXYS-CPC1002N Datasheet
171Kb / 6P
60V Normally-Open Single-Pole 4-Pin SOP OptoMOS Relay
logo
Clare, Inc.
CPC1002NTR CLARE-CPC1002NTR Datasheet
230Kb / 3P
4-Pin SOP OptoMOS Relay
logo
IXYS Corporation
CPC1002NTR IXYS-CPC1002NTR Datasheet
171Kb / 6P
60V Normally-Open Single-Pole 4-Pin SOP OptoMOS Relay
More results

Mô tả tương tự - CPC1002N

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Clare, Inc.
CPC1004N CLARE-CPC1004N_1 Datasheet
112Kb / 5P
4 Pin SOP OptoMOS짰 Relay
CPC1008N CLARE-CPC1008N_1 Datasheet
127Kb / 5P
4-Pin SOP OptoMOS짰 Relay
CPC1009N CLARE-CPC1009N Datasheet
111Kb / 5P
4-Pin SOP OptoMOS짰 Relay
CPC1014N CLARE-CPC1014N Datasheet
114Kb / 5P
4-Pin SOP OptoMOS짰 Relay
CPC1016N CLARE-CPC1016N_1 Datasheet
113Kb / 5P
4-Pin SOP OptoMOS짰 Relay
CPC1019N CLARE-CPC1019N Datasheet
114Kb / 5P
4-Pin SOP OptoMOS짰 Relay
CPC1035N CLARE-CPC1035N_1 Datasheet
112Kb / 5P
4-Pin SOP OptoMOS짰 Relay
CPC1117N CLARE-CPC1117N_1 Datasheet
111Kb / 5P
4-Pin SOP OptoMOS짰 Relay
CPC1150N CLARE-CPC1150N_1 Datasheet
112Kb / 5P
4-Pin SOP OptoMOS짰 Relay
CPC1230N CLARE-CPC1230N_1 Datasheet
112Kb / 5P
4 Pin SOP OptoMOS짰 Relay
More results


Html Pages

1 2 3 4 5


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com