| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
IRS2608DSPBF bảng dữ liệu(PDF) 7 Page - International Rectifier |
|
|
|||||||||||||||||||||||||||||
IRS2608DSPBF bảng dữ liệu(HTML) 7 Page - International Rectifier |
|
7 / 23 page ![]() www.irf.com 7 IRS2608DSPbF Application Information and Additional Details Informations regarding the following topics are included as subsections within this section of the datasheet. • IGBT/MOSFET Gate Drive • Switching and Timing Relationships • Deadtime • Matched Propagation Delays • Input Logic Compatibility • Undervoltage Lockout Protection • Shoot-Through Protection • Integrated Bootstrap Functionality • Negative VS Transient SOA • PCB Layout Tips • Additional Documentation IGBT/MOSFET Gate Drive The IRS2608D HVICs are designed to drive MOSFET or IGBT power devices. Figures 1 and 2 illustrate several parameters associated with the gate drive functionality of the HVIC. The output current of the HVIC, used to drive the gate of the power switch, is defined as IO. The voltage that drives the gate of the external power switch is defined as VHO for the high-side power switch and VLO for the low-side power switch; this parameter is sometimes generically called VOUT and in this case does not differentiate between the high-side or low-side output voltage. VS (or COM) HO (or LO) VB (or VCC) IO+ VHO (or VLO) + - VS (or COM) HO (or LO) VB (or VCC) IO- Figure 1: HVIC sourcing current Figure 2: HVIC sinking current |