| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
56F8367 bảng dữ liệu(PDF) 67 Page - Freescale Semiconductor, Inc |
|
|
|||||||||||||||||||||||||||||
56F8367 bảng dữ liệu(HTML) 67 Page - Freescale Semiconductor, Inc |
|
67 / 182 page ![]() Peripheral Memory Mapped Registers 56F8367 Technical Data, Rev. 9 Freescale Semiconductor 67 Preliminary Table 4-30 GPIOB Registers Address Map (GPIOB_BASE = $00 F300) Register Acronym Address Offset Register Description Reset Value GPIOB_PUR $0 Pull-up Enable Register 0 x 00FF GPIOB_DR $1 Data Register 0 x 0000 GPIOB_DDR $2 Data Direction Register 0 x 0000 GPIOB_PER $3 Peripheral Enable Register 0 x 000F for 20-bit EMI address at reset. 0 x 0000 for all other cases. See Table 4-4 for details. GPIOB_IAR $4 Interrupt Assert Register 0 x 0000 GPIOB_IENR $5 Interrupt Enable Register 0 x 0000 GPIOB_IPOLR $6 Interrupt Polarity Register 0 x 0000 GPIOB_IPR $7 Interrupt Pending Register 0 x 0000 GPIOB_IESR $8 Interrupt Edge-Sensitive Register 0 x 0000 GPIOB_PPMODE $9 Push-Pull Mode Register 0 x 0000 GPIOB_RAWDATA $A Raw Data Input Register — Table 4-31 GPIOC Registers Address Map (GPIOC_BASE = $00F310) Register Acronym Address Offset Register Description Reset Value GPIOC_PUR $0 Pull-up Enable Register 0 x 07FF GPIOC_DR $1 Data Register 0 x 0000 GPIOC_DDR $2 Data Direction Register 0 x 0000 GPIOC_PER $3 Peripheral Enable Register 0 x 07FF GPIOC_IAR $4 Interrupt Assert Register 0 x 0000 GPIOC_IENR $5 Interrupt Enable Register 0 x 0000 GPIOC_IPOLR $6 Interrupt Polarity Register 0 x 0000 GPIOC_IPR $7 Interrupt Pending Register 0 x 0000 GPIOC_IESR $8 Interrupt Edge-Sensitive Register 0 x 0000 GPIOC_PPMODE $9 Push-Pull Mode Register 0 x 07FF GPIOC_RAWDATA $A Raw Data Input Register — |