công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

OLRC-2W-0M5KB bảng dữ liệu(PDF) 1 Page - American Accurate Components, Inc.

tên linh kiện OLRC-2W-0M5KB
Giải thích chi tiết về linh kiện  Custom Made Metal Plate Current Sense Resistor
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  AAC [American Accurate Components, Inc.]
Trang chủ  http://www.aacix.com
Logo AAC - American Accurate Components, Inc.

OLRC-2W-0M5KB bảng dữ liệu(HTML) 1 Page - American Accurate Components, Inc.

  OLRC-2W-0M5KB Datasheet HTML 1Page - American Accurate Components, Inc. OLRC-2W-0M5KB Datasheet HTML 2Page - American Accurate Components, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
American Accurate Components, Inc.
OPEN AIR SENSE RESISTORS
The content of this specification may change without notification 7/24/07
188 Technology Drive, Unit H Irvine, CA 92618
TEL: 949-453-9888
FAX: 949-453-8889
1
Custom solutions are available.
OLR Series - Custom Made Metal Plate Current Sense Resistor
HOW TO ORDER
OLRA -5W-
1M0
J
B
Packaging
B = Bulk or M = Tape
Tolerance (%)
F = +1
J = +5
K = +10
EIA Resistance Value
0M5 = 0.0005
Ω
1M0 = 0.005
Ω
10M = 0.01
Ω
Rated Power
Avail in 1W ~20W
Series
Custom Open Air Sense Resistors
A = Body Style 1
B = Body Style 2
C = Body Style 3
D = Body Style 4
RATING
Terminations
2 and 4 are available
Rated Power (70°C)
1W ~ 20W
Resistance Range
0.5m
Ω ∼ 50mΩ
Resistance Tolerance
±1%, ±5%, ±10%
TCR
± 100ppm/°C
Operating Temperature
-40°C ~ +180°C
SHAPE & DIMENSIONS (custom to your requirements)
Body 1
Body 2
Body 3
Body 4
CIRCUIT LAYOUT example for Automotive
DERATING CURVE
DC-DC Converter over current detection
Engine Starter
Power Windows
If the ambient temperature exceeds 70°C, the rated power has to be
derated according to the power derating curve shown below.
Air Conditioning Fan
Battery
Automatic Mirrors
Motor Control Circuit
FEATURES
Very Low Resistance 0.5m
Ω ~ 50mΩ
High Rated Power from 1W to 20W
Custom Solutions avail in 2 or 4 Terminals
Open air design provides cooler operation
Applicable for Reflow Soldering
Superior thermal expansion cycling
Low Inductance at less than 10nH
Lead flexible for thermal expansion
Products with lead-free terminations meet
RoHS requirements
APPLICATIONS
Automotive
Feedback
Low Inductance
Surge and Pulse
CPU Drive use
AC Applications
Power Tool
Residual Battery Detection
Inverter Power Supply
Switching Power Source
HDD, MOSFET Load


Mô tả tương tự - OLRC-2W-0M5KB

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
KOA Speer Electronics, ...
LR72ADTE KOA-LR72ADTE Datasheet
93Kb / 2P
metal plate current sense resistors
TLR2BND KOA-TLR2BND Datasheet
97Kb / 2P
metal plate current sense resistor
logo
IRC - a TT electronics ...
ULRG12512R010FLFSLT IRCTT-ULRG12512R010FLFSLT Datasheet
189Kb / 6P
Metal Element Current Sense Resistor
logo
KOA Speer Electronics, ...
LR72ADTE2L0J KOA-LR72ADTE2L0J Datasheet
220Kb / 2P
metal plate current sense resistors
TLR3ADTE2L00F75 KOA-TLR3ADTE2L00F75 Datasheet
281Kb / 2P
metal plate current sense resistor
TLR3ADTE3L00F KOA-TLR3ADTE3L00F Datasheet
289Kb / 2P
Metal plate current sense resistor
LR72A KOA-LR72A Datasheet
222Kb / 2P
metal plate current sense resistors
TLR2B KOA-TLR2B Datasheet
443Kb / 2P
metal plate current sense resistor
TLR-2BW KOA-TLR-2BW Datasheet
442Kb / 2P
metal plate current sense resistor
logo
Bourns Electronic Solut...
CFN BOURNS-CFN Datasheet
464Kb / 5P
Metal Foil, Current Sense Resistor
More results


Html Pages

1 2


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com