| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
MAS6012AA2ST206 bảng dữ liệu(PDF) 7 Page - Micro Analog systems |
|
|
|||||||||||||||||||||||||||||
MAS6012AA2ST206 bảng dữ liệu(HTML) 7 Page - Micro Analog systems |
|
7 / 9 page ![]() DA6012.000 30 June 2008 7 (9) MAS6012AA4 QUAD OUTPUT DRIVER PIN CONFIGURATION IN PLASTIC TSSOP-28 1 2 3 4 5 6 7 8 9 10 11 12 15 16 17 18 19 20 21 22 23 24 Top Marking Definitions: zz = Version YYWW = Year Week XXXXX = Lot Number 13 14 25 26 27 28 PIN DESCRIPTION Pin Name Pin Type Function VDD 1 P Positive Power Supply CWB 2 DI Rotation Direction Selection for Driver B, high = Clockwise FSCXB 3 DI Stepping Clock Input for Driver B OUTA3 4 AO Stepper Motor Driver A Coil Output 3 OUTA4 5 AO Stepper Motor Driver A Coil Output 4 OUTA2 6 AO Stepper Motor Driver A Coil Output 2 OUTA1 7 AO Stepper Motor Driver A Coil Output 1 OUTD1 8 AO Stepper Motor Driver D Coil Output 1 OUTD2 9 AO Stepper Motor Driver D Coil Output 2 OUTD4 10 AO Stepper Motor Driver D Coil Output 4 OUTD3 11 AO Stepper Motor Driver D Coil Output 3 VSS 12 G Power Supply Ground CWC 13 DI Rotation Direction Selection for Driver C, high = Clockwise FSCXC 14 DI Stepping Clock Input for Driver C VDD 15 P Positive Power Supply CWD 16 DI Rotation Direction Selection for Driver D, high = Clockwise FSCXD 17 DI Stepping Clock Input for Driver D OUTC3 18 AO Stepper Motor Driver C Coil Output 3 OUTC4 19 AO Stepper Motor Driver C Coil Output 4 OUTC2 20 AO Stepper Motor Driver C Coil Output 2 OUTC1 21 AO Stepper Motor Driver C Coil Output 1 OUTB1 22 AO Stepper Motor Driver B Coil Output 1 OUTB2 23 AO Stepper Motor Driver B Coil Output 2 OUTB4 24 AO Stepper Motor Driver B Coil Output 4 OUTB3 25 AO Stepper Motor Driver B Coil Output 3 XRESET 26 DI Master Reset, active low CWA 27 DI Rotation Direction Selection for Driver A, high = Clockwise FSCXA 28 DI Stepping Clock Input for Driver A A = Analog, D = Digital, P = Power, G = Ground, I = Input, O = Output |