| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
SNC207S bảng dữ liệu(PDF) 5 Page - SONiX Technology Company |
|
|
|||||||||||||||||||||||||||||
SNC207S bảng dữ liệu(HTML) 5 Page - SONiX Technology Company |
|
5 / 11 page ![]() SNC207S Direct Drive Speech Controller Ver: 0.3 Sept 20, 2007 5 5.6. Event Mark This is a new function for SNC207S, it allows user to add a special mark in wave data by the voice edit tool “CoolEdit”. User can insert event tags in anywhere of his wave file and can easy to get this special code to do his special action during voice playing. That means, it should be easily to control the I/O (such as LED or motor) and other actions to synchronize with voice. 5.7. I/O Ports P30~P33 and P20~P21 are I/O pins. Any bit of them can be programmed as either input or output port individually. Any valid data transition (H L or L H) of P30~P33 and P20~P21 can reactivate the chip when the chip is in power-down mode. I/O Port Configuration (P30~P33, P20~P21) Note: (1) Weak N-MOS’s can serve as pull-low resistors. (2) The driving and sink current of P3.2 and P3.3 are enhance to be 8mA/16mA. So user can direct to drive the LED through those two I/O pins. Port Data Port Status To Internal Data Bus Read Control PAD Weak |