công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

ADN4604ASVZ bảng dữ liệu(PDF) 32 Page - Analog Devices

tên linh kiện ADN4604ASVZ
Giải thích chi tiết về linh kiện  4.25 Gbps, 16 횞 16, Digital Crosspoint Switch
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  AD [Analog Devices]
Trang chủ  http://www.analog.com
Logo AD - Analog Devices

ADN4604ASVZ bảng dữ liệu(HTML) 32 Page - Analog Devices

Back Button ADN4604ASVZ Datasheet HTML 28Page - Analog Devices ADN4604ASVZ Datasheet HTML 29Page - Analog Devices ADN4604ASVZ Datasheet HTML 30Page - Analog Devices ADN4604ASVZ Datasheet HTML 31Page - Analog Devices ADN4604ASVZ Datasheet HTML 32Page - Analog Devices ADN4604ASVZ Datasheet HTML 33Page - Analog Devices ADN4604ASVZ Datasheet HTML 34Page - Analog Devices ADN4604ASVZ Datasheet HTML 35Page - Analog Devices ADN4604ASVZ Datasheet HTML 36Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 40 page
background image
ADN4604
Rev. 0 | Page 32 of 40
ADN4604
IN 0
IN 1
IN 15
OUT 0
OUT 1
OUT 15
APPLICATIONS INFORMATION
The ADN4604 is an asynchronous and protocol agnostic digital
switch and, therefore, is applicable to a wide range of applica-
tions including network routing and digital video switching.
The ADN4604 supports the data rates and signaling levels of
HDMI®, DVI®, DisplayPort and SD-, HD-, and 3G-SDI digital
video. The ADN4604 can be used to create matrix switches. An
example block diagram of a 16 × 16 matrix switch is shown in
Figure 51. Since HDMI, DVI, and DisplayPort are quad lane
protocols, four ADN4604s are used to create a full 16 × 16
matrix switch. Smaller arrays, such as 4 × 4 and 8 × 8, require
one and two ADN4604 devices, respectively. Proper high speed
PCB design techniques should be used to maintain the signal
integrity of the high data rate signals. It is important to minimize
the lane-to-lane skew and crosstalk in these applications.
ADN4604
IN 0
IN 1
IN 15
OUT 0
OUT 1
OUT 15
ADN4604
IN 0
IN 1
IN 15
OUT 0
OUT 1
OUT 15
ADN4604
IN 0
IN 1
IN 15
OUT 0
OUT 1
OUT 15
SOURCE 1
SOURCE 2
SOURCE 16
SOURCE 3
SOURCE 4
SOURCE 5
SOURCE 6
SOURCE 7
SOURCE 8
SOURCE 9
SOURCE 10
SOURCE 11
SOURCE 12
SOURCE 13
SOURCE 14
SOURCE 15
DISPLAY 1
DISPLAY 2
DISPLAY 16
DISPLAY 3
DISPLAY 4
DISPLAY 5
DISPLAY 6
DISPLAY 7
DISPLAY 8
DISPLAY 9
DISPLAY 10
DISPLAY 11
DISPLAY 12
DISPLAY 13
DISPLAY 14
DISPLAY 15
Figure 51. ADN4604 Digital Video (DVI, HDMI, DisplayPort) Matrix Switch Block Diagram



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40