| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
ZRO0743B2LF bảng dữ liệu(PDF) 2 Page - Z-Communications, Inc |
|
|
|||||||||||||||||||||||||||||
ZRO0743B2LF bảng dữ liệu(HTML) 2 Page - Z-Communications, Inc |
|
2 / 2 page ![]() Tuning Curve, typ. 730 735 740 745 750 755 0 0.5 1 1.5 2 2.5 3 3.5 4 4.5 5 5.5 6 °C °C °C TUNING VOLTAGE (Vdc) Power Curve, typ. Footprint Voltage-Controlled Oscillator Surface Mount Module ZRO0743B2LF A1 Rev 0.030 MIN. CUTBACK FROM LIVE PADS RECOMMENDED FOOTPRINT SEVERAL HOLES OF 0.015 ON GND. PLANE ARE RECOMMENDED FOR GOOD GROUNDING. o °C °C °C LFSuffix = RoHS Compliant. All specifications are subject to change without notice. © Z-Communications, Inc. All Rights Reserved. Page 2 of 2 FRM-S-002 B -40 85 25 -40 85 25 0 1 2 3 4 5 6 7 8 9 10 11 12 13 14 736 738 739 740 741 742 743 744 746 747 748 750 751 FREQUENCY (MHz) Physical Dimensions SOLDER MASK GOLD PLATED PADS REST GROUND PIN CONFIGURATION P1 Vt P2 RF OUT P3 Vcc Z-COMM XXXXXXXX-LF W/O# D/C NOTE: ALL DIMENSIONS ARE IN INCHES TOL: XXX: +/- 0.010 |