| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
MIC3003GML bảng dữ liệu(PDF) 63 Page - Micrel Semiconductor |
|
|
|||||||||||||||||||||||||||||
MIC3003GML bảng dữ liệu(HTML) 63 Page - Micrel Semiconductor |
|
63 / 75 page ![]() Micrel, Inc. MIC3003 November 2009 63 M9999-111209-C hbwhelp@micrel.com or (408) 955-1690 Bit Function Operation D[7] Reserved Always write as zero; reads undefined. D[6] FLTDIS Fault Comparator disable 0 = Fault Comparator faults enabled 1 = Fault Comparator faults disabled When FLTDIS is high, the Fault Comparator does not run, and the following faults are not detected: • High IBIAS faults • High transmit power faults • Low receive power faults If a fault condition was detected prior to the assertion of FLTDIS, the fault flag will remain active until cleared, but cannot be set again until the Fault Comparator is allowed to run. D[5] FSPIN Fault Comparator “spin-on-channel” mode select; do not enable ADC and FC spin- on-channel modes simultaneously. 0 = Normal Fault Comparator operation 1 = Force the Fault Comparator to spin on one channel When the Fault Comparator spins on just one channel (selected via OEMCAL1[1:0]), the two channels not being examined will not, of course, respond to fault conditions. D[4] WRINH Inhibit NVRAM write cycles. 0 = Normal NVRAM operation 1 = Inhibit NVRAM writes When WRINH is high, writes to the MIC3003’s internal memory do not occur. Registers that are non-volatile are written with the new value, but will not retain that value through a power cycle, since the NVRAM backing storage has not been modified. D[3] APCCAL Selects APC DAC calibration mode - DACs may be controlled directly. 0 = Normal mode 1 = DAC calibration mode. When DAC calibration mode is enabled, the temperature compensation lookup tables are disabled, so the DACs are presented with the values written into their corresponding registers. D[2:1] Reserved Always write as zeros; reads undefined. D[0] FRCOPS Forces outputs for board-level or system- level testing 0 = Normal operation 1 = Force outputs for testing: The following outputs are driven to their active states: • TXFAULT (active polarity set in OEMCFG5) • /INT (only driven if the OEMIM bit is clear in FLTMSK) • RXLOS (active polarity and RXLOS selection are set in OEMCFG6) |
|
Link URL |
| Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không? [ DONATE ] |
Alldatasheet là | Quảng cáo | Liên lạc với chúng tôi | Chính sách bảo mật | Liên kết đến bảng dữ liệu | Trao đổi link | Tìm kiếm theo nhà sản xuất All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |