công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

MIC3003 bảng dữ liệu(PDF) 74 Page - Micrel Semiconductor

tên linh kiện MIC3003
Giải thích chi tiết về linh kiện  FOM Management IC with Internal Calibration
PDF  75 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  MICREL [Micrel Semiconductor]
Trang chủ  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC3003 bảng dữ liệu(HTML) 74 Page - Micrel Semiconductor

Back Button MIC3003 Datasheet HTML 67Page - Micrel Semiconductor MIC3003 Datasheet HTML 68Page - Micrel Semiconductor MIC3003 Datasheet HTML 69Page - Micrel Semiconductor MIC3003 Datasheet HTML 70Page - Micrel Semiconductor MIC3003 Datasheet HTML 71Page - Micrel Semiconductor MIC3003 Datasheet HTML 72Page - Micrel Semiconductor MIC3003 Datasheet HTML 73Page - Micrel Semiconductor MIC3003 Datasheet HTML 74Page - Micrel Semiconductor MIC3003 Datasheet HTML 75Page - Micrel Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 74 / 75 page
background image
Micrel, Inc.
MIC3003
November 2009
74
M9999-111209-C
hbwhelp@micrel.com or (408) 955-1690
A6
Address
Bytes
Definition
74 (4Ah)
TOFFh
Temperature offset (six-bit signed offset, .5 C resolution)
75 (4Bh)
TOFF0l
Not used
76 (4Ch)
VSLP0h
Voltage slope, high byte
77 (4Dh)
VSLP0l
Voltage slope, low byte
78 (4Eh)
VOFFh
Voltage offset, high byte
79 (4Fh)
VOFF0l
Voltage offset, low byte
80 (50h)
ISLP0h
Bias current slope, high byte
81 (51h)
ISLP0l
Bias current slope, low byte
82 (52h)
IOFFh
Bias current offset, high byte
83 (53h)
IOFF0l
Bias current offset, low byte
84 (54h)
TXSLPh
TX Power slope, high byte
85 (55h)
TXSLPl
TX Power slope, low byte
86 (56h)
TXOFFh
TX Power offset, high byte
87 (57h)
TXOFFl
TX Power offset, low byte
Manufacturer ID Register (MFG_ID)
Identifies Micrel as the manufacturer of the device. Always returns 2Ah
D[7]
read-only
D[6]
read-only
D[5]
read-only
D[4]
read-only
D[3]
read-only
D[2]
read-only
D[1]
read-only
D[0]
read-only
Default value
0010 1010b = 2Ah
Serial address
A6h
Byte address
254 = FEh
The value in this register, in combination with the DEV_ID register, serves to identify the MIC3003 and its revision number to
software.
This register is read-only.
Bit(s)
Function
Operation
D[7:0]
Identifies Micrel as the manufacturer of the device. Always
returns 2Ah.
Read-only. Always returns Ah
Device ID Register (DEV_ID)
D[7]
read-only
D[6]
read-only
D[5]
read-only
D[4]
read-only
D[3]
read-only
D[2]
read-only
D[1]
read-only
D[0]
read-only
MIC3003 Device ID
always reads 0 at D[7-6] and 11 at D[5-4]
Die Revision
Default value
0011 XXXXb = 3Xh
Serial address
A6h
Byte address
255 = FFh
The value in this register, in combination with the MFG_ID register, serve to identify the MIC3003 and its revision number to
software. This register is read-only.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com