| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
EGL341J bảng dữ liệu(PDF) 2 Page - PACELEADER INDUSTRIAL |
|
|
|||||||||||||||||||||||||||||
EGL341J bảng dữ liệu(HTML) 2 Page - PACELEADER INDUSTRIAL |
|
2 / 2 page ![]() 2 RATING AND CHARACTERISTICS CURVES EGL341A THRU EGL341J EGL341A thru EGL341J SURFACE MOUNT GLASS PASSIVATED SUPER FAST SWITCHING RECTIFIER SURFACE MOUNT GLASS PASSIVATED SUPER FAST SWITCHING RECTIFIER FIG. 5 ( ) FIG. 5 - TYPICAL REVERSE CHARACTERISTICS FIG. 2 - MAXIMUM NON - REPETITIVE PEAK FORWARD SURGE CURRENT 1.2 12 10 8.0 6.0 4.0 2.0 10 1 0.1 0.01 0 1 10 100 1.0 0.8 0.6 0.4 0.2 0 100 100 10 10 10 0.4 0.6 0.8 1.0 1.2 1.4 1.6 1.8 100 1 1 0.1 0.01 0 20 40 60 80 100 1 0 20 40 60 80 100 120 140 160 0.2*0.2"(5.0*5.0mm) COPPER PAD AREAS RESISTIVEORINDUCTIVELOAD o Ta( C) o Tamb, ambient temperature ( C) NUMBER OF CYCLES AT 60Hz ¤Ï¦V¹qÀ£ REVERSE VOLTAGE. (V) ¦V¹qÀ£ VF(V) INSTANTANEOUS FORWARD VOLTAGE. (V) ¦V¹qÀ£ PERCENT OF RATED PEAK REVERSE VOLTAGE. (%) FIG. 1 - DERATING CURVE FOR OUTPUT RECTIFIER CURRENT T =T max. JJ 8.3ms SINGLE HALF SINE-WAVE (JEDEC Method) FIG. 4 - TYPICAL INSTANTANEOUS FORWARD CHARACTERISTICS FIG. 3 -TYPICAL JUNCTION CAPACITANCE o TJ=25 C EGL341A---EGL341D EGL341F---EGL341G EGL341J o TJ=25 C PULSE WIDTH=300 s 1% DUTY CYCLE o TJ=125 C o TJ=100 C o TJ=25 C o TJ=150 C www.paceleader.com.tw |