| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
PCIMX513CJM6C bảng dữ liệu(PDF) 171 Page - Freescale Semiconductor, Inc |
|
|
|||||||||||||||||||||||||||||
PCIMX513CJM6C bảng dữ liệu(HTML) 171 Page - Freescale Semiconductor, Inc |
|
171 / 184 page ![]() Package Information and Contact Assignments i.MX51 Applications Processors for Consumer and Industrial Products, Rev. 1 Freescale Semiconductor 171 Preliminary—Subject to Change Without Notice STR A15 NVCC_PER12 — — TEST_MODE V20 NVCC_PER3 GPIO Input 100 k Ω pull-down UART1_CTS B14 NVVCC_PER12 GPIO Input 100 k Ω pull-up UART1_RTS D13 NVVCC_PER12 GPIO Input 100 k Ω pull-up UART1_RXD E13 NVVCC_PER12 GPIO Input 100 k Ω pull-up UART1_TXD A13 NVVCC_PER12 GPIO Input 100 k Ω pull-up UART2_RXD A14 NVVCC_PER12 GPIO Input 100 k Ω pull-up UART2_TXD C14 NVVCC_PER12 GPIO Input 100 k Ω pull-up UART3_RXD F14 NVVCC_PER12 GPIO Input Keeper UART3_TXD B15 NVVCC_PER12 GPIO Input Keeper USBH1_CLK D11 NVCC_PER11 GPIO Input Keeper USBH1_DATA0 E12 NVCC_PER11 GPIO Input Keeper USBH1_DATA1 A11 NVCC_PER11 GPIO Input Keeper USBH1_DATA2 B12 NVCC_PER11 GPIO Input Keeper USBH1_DATA3 C12 NVCC_PER11 GPIO Input Keeper USBH1_DATA4 D12 NVCC_PER11 GPIO Input Keeper USBH1_DATA5 A12 NVCC_PER11 GPIO Input Keeper USBH1_DATA6 B13 NVCC_PER11 GPIO Input Keeper USBH1_DATA7 C13 NVCC_PER11 GPIO Input Keeper USBH1_DIR B11 NVCC_PER11 GPIO Input Keeper USBH1_NXT C11 NVCC_PER11 GPIO Input Keeper USBH1_STP E11 NVCC_PER11 GPIO Input Keeper XTAL AC20 NVCC_OSC Analog Output — 1 The state immediately after reset and before ROM firmware or software has executed. 2 During power-on reset this port acts as input for fuse override signal. See Table 115 for details 3 During power-on reset this port acts as output for diagnostic signal. See Table 115 for details Table 114. 19 x 19 mm Signal Assignments, Power Rails, and I/O (continued) Contact Name Contact Assignment Power Rail I/O Buffer Type Direction after Reset1 Configuraton after Reset1 |