| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
PCIMX513CJM6C bảng dữ liệu(PDF) 147 Page - Freescale Semiconductor, Inc |
|
|
|||||||||||||||||||||||||||||
PCIMX513CJM6C bảng dữ liệu(HTML) 147 Page - Freescale Semiconductor, Inc |
|
147 / 184 page ![]() Package Information and Contact Assignments i.MX51 Applications Processors for Consumer and Industrial Products, Rev. 1 Freescale Semiconductor 147 Preliminary—Subject to Change Without Notice EIM_A22 AB9 NVCC_EMI GPIO Output High EIM_A232 AE5 NVCC_EMI GPIO Input 100 k Ω pull-up EIM_A24 Y9 NVCC_EMI GPIO Input 100 k Ω pull-up EIM_A25 AD5 NVCC_EMI GPIO Input 100 k Ω pull-up EIM_A26 AB7 NVCC_EMI GPIO Input 100 k Ω pull-up EIM_A27 AC6 NVCC_EMI GPIO Input Keeper EIM_BCLK Y10 NVCC_EMI GPIO Input Keeper EIM_CRE V6 NVCC_EMI GPIO Output High EIM_CS0 Y17 NVCC_EMI GPIO Output High EIM_CS1 W6 NVCC_EMI GPIO Output High EIM_CS2 AE4 NVCC_EMI GPIO Input Keeper EIM_CS3 Y8 NVCC_EMI GPIO Input Keeper EIM_CS4 AC7 NVCC_EMI GPIO Input Keeper EIM_CS5 Y7 NVCC_EMI GPIO Input Keeper EIM_D16 AB12 NVCC_EMI GPIO Input Keeper EIM_D17 AE8 NVCC_EMI GPIO Input Keeper EIM_D18 AD9 NVCC_EMI GPIO Input Keeper EIM_D19 AC10 NVCC_EMI GPIO Input Keeper EIM_D20 AD10 NVCC_EMI GPIO Input Keeper EIM_D21 AE10 NVCC_EMI GPIO Input Keeper EIM_D22 AE11 NVCC_EMI GPIO Input Keeper EIM_D23 AB11 NVCC_EMI GPIO Input Keeper EIM_D24 AE9 NVCC_EMI GPIO Input Keeper EIM_D25 AC9 NVCC_EMI GPIO Input Keeper EIM_D26 AD8 NVCC_EMI GPIO Input Keeper EIM_D27 AB10 NVCC_EMI GPIO Input Keeper EIM_D28 Y11 NVCC_EMI GPIO Input Keeper EIM_D29 AD7 NVCC_EMI GPIO Input Keeper EIM_D30 AC8 NVCC_EMI GPIO Input Keeper EIM_D31 AB8 NVCC_EMI GPIO Input Keeper EIM_DA0 AE15 NVCC_EMI GPIO Input Keeper EIM_DA1 AD15 NVCC_EMI GPIO Input Keeper Table 111. 13 × 13 mm Signal Assignments, Power Rails, and I/O (continued) Contact Name Contact Assignment Power Rail I/O Buffer Type Direction after Reset1 Configuraton after Reset1 |