công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

PCIMX513CJM6C bảng dữ liệu(PDF) 106 Page - Freescale Semiconductor, Inc

tên linh kiện PCIMX513CJM6C
Giải thích chi tiết về linh kiện  i.MX51 Applications Processors for Consumer and Industrial Products
PDF  184 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  FREESCALE [Freescale Semiconductor, Inc]
Trang chủ  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

PCIMX513CJM6C bảng dữ liệu(HTML) 106 Page - Freescale Semiconductor, Inc

Back Button PCIMX513CJM6C Datasheet HTML 102Page - Freescale Semiconductor, Inc PCIMX513CJM6C Datasheet HTML 103Page - Freescale Semiconductor, Inc PCIMX513CJM6C Datasheet HTML 104Page - Freescale Semiconductor, Inc PCIMX513CJM6C Datasheet HTML 105Page - Freescale Semiconductor, Inc PCIMX513CJM6C Datasheet HTML 106Page - Freescale Semiconductor, Inc PCIMX513CJM6C Datasheet HTML 107Page - Freescale Semiconductor, Inc PCIMX513CJM6C Datasheet HTML 108Page - Freescale Semiconductor, Inc PCIMX513CJM6C Datasheet HTML 109Page - Freescale Semiconductor, Inc PCIMX513CJM6C Datasheet HTML 110Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 106 / 184 page
background image
i.MX51 Applications Processors for Consumer and Industrial Products, Rev. 1
106
Freescale Semiconductor
Preliminary—Subject to Change Without Notice
Electrical Characteristics
In the timing equations, some timing parameters are used. These parameters depend on the
implementation of the i.MX51 P-ATA interface on silicon, the bus buffer used, the cable delay and cable
skew. Table 78 shows ATA timing parameters.
Table 78. P-ATA Timing Parameters
Name
Description
Value/
Contributing Factor1
1 Values provided where applicable.
T
Bus clock period (ipg_clk_ata)
Peripheral clock frequency
ti_ds
Set-up time ata_data to ata_iordy edge (UDMA-in only)
UDMA0
UDMA1
UDMA2, UDMA3
UDMA4
UDMA5
15 ns
10 ns
7 ns
5 ns
4 ns
ti_dh
Hold time ata_iordy edge to ata_data (UDMA-in only)
UDMA0, UDMA1, UDMA2, UDMA3, UDMA4
UDMA5
5.0 ns
4.6 ns
tco
Propagation delay bus clock L-to-H to
ata_cs0, ata_cs1, ata_da2, ata_da1, ata_da0, ata_dior, ata_diow, ata_dmack,
ata_data, ata_buffer_en
12.0 ns
tsu
Set-up time ata_data to bus clock L-to-H
8.5 ns
tsui
Set-up time ata_iordy to bus clock H-to-L
8.5 ns
thi
Hold time ata_iordy to bus clock H to L
2.5 ns
tskew1
Max difference in propagation delay bus clock L-to-H to any of following signals
ata_cs0, ata_cs1, ata_da2, ata_da1, ata_da0, ata_dior, ata_diow, ata_dmack,
ata_data (write), ata_buffer_en
7ns
tskew2
Max difference in buffer propagation delay for any of following signals
ata_cs0, ata_cs1, ata_da2, ata_da1, ata_da0, ata_dior, ata_diow, ata_dmack,
ata_data (write), ata_buffer_en
Transceiver
tskew3
Max difference in buffer propagation delay for any of following signals ata_iordy,
ata_data (read)
Transceiver
tbuf
Max buffer propagation delay
Transceiver
tcable1
Cable propagation delay for ata_data
Cable
tcable2
Cable propagation delay for control signals ata_dior, ata_diow, ata_iordy,
ata_dmack
Cable
tskew4
Max difference in cable propagation delay between ata_iordy and ata_data (read)
Cable
tskew5
Max difference in cable propagation delay between (ata_dior, ata_diow,
ata_dmack) and ata_cs0, ata_cs1, ata_da2, ata_da1, ata_da0, ata_data(write)
Cable
tskew6
Max difference in cable propagation delay without accounting for ground bounce
Cable



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More