công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

PCIMX511AJM6C bảng dữ liệu(PDF) 77 Page - Freescale Semiconductor, Inc

tên linh kiện PCIMX511AJM6C
Giải thích chi tiết về linh kiện  i.MX51A Automotive and Infotainment Applications Processors
PDF  160 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  FREESCALE [Freescale Semiconductor, Inc]
Trang chủ  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

PCIMX511AJM6C bảng dữ liệu(HTML) 77 Page - Freescale Semiconductor, Inc

Back Button PCIMX511AJM6C Datasheet HTML 73Page - Freescale Semiconductor, Inc PCIMX511AJM6C Datasheet HTML 74Page - Freescale Semiconductor, Inc PCIMX511AJM6C Datasheet HTML 75Page - Freescale Semiconductor, Inc PCIMX511AJM6C Datasheet HTML 76Page - Freescale Semiconductor, Inc PCIMX511AJM6C Datasheet HTML 77Page - Freescale Semiconductor, Inc PCIMX511AJM6C Datasheet HTML 78Page - Freescale Semiconductor, Inc PCIMX511AJM6C Datasheet HTML 79Page - Freescale Semiconductor, Inc PCIMX511AJM6C Datasheet HTML 80Page - Freescale Semiconductor, Inc PCIMX511AJM6C Datasheet HTML 81Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 77 / 160 page
background image
Electrical Characteristics
i.MX51A Automotive and Infotainment Applications Processors, Rev. 1
Freescale Semiconductor
77
Preliminary—Subject to Change Without Notice
•
VSYNC—Vertical synchronization
•
DRDY—Active data
All synchronous display controls are generated on base of an internal generated “local start point”. The
synchronous display controls can be placed on time axis with DI’s offset, up and down parameters. The
display access can be whole number of DI clock (Tdiclk) only. The IPP_DATA can not be moved relative
to the local start point.
3.7.8.5.2
LCD Interface Functional Description
Figure 50 depicts the LCD interface timing for a generic active matrix color TFT panel. In this figure
signals are shown with negative polarity. The sequence of events for active matrix interface timing is:
•
DI_CLK internal DI clock, used for calculation of other controls.
•
IPP_DISP_CLK latches data into the panel on its negative edge (when positive polarity is
selected). In active mode, IPP_DISP_CLK runs continuously.
•
HSYNC causes the panel to start a new line. (Usually IPP_PIN_2 is used as HSYNC)
•
VSYNC causes the panel to start a new frame. It always encompasses at least one HSYNC pulse.
(Usually IPP_PIN_3 is used as VSYNC)
•
DRDY acts like an output enable signal to the CRT display. This output enables the data to be
shifted onto the display. When disabled, the data is invalid and the trace is off.
(For DRDY can be used either synchronous or asynchronous generic purpose pin as well.)
Figure 50. Interface Timing Diagram for TFT (Active Matrix) Panels
123
m
m-1
HSYNC
VSYNC
HSYNC
LINE 1
LINE 2
LINE 3
LINE 4
LINE n-1
LINE n
DRDY
IPP_DISP_CLK
IPP_DATA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com