| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
MPC8379ECVRANFA bảng dữ liệu(PDF) 2 Page - Freescale Semiconductor, Inc |
|
|
|||||||||||||||||||||||||||||
MPC8379ECVRANFA bảng dữ liệu(HTML) 2 Page - Freescale Semiconductor, Inc |
|
2 / 114 page ![]() MPC8379E PowerQUICC™ II Pro Processor Hardware Specifications, Rev. 2 2 Freescale Semiconductor Overview 2.0 dual-role controller, a programmable interrupt controller, dual I2C controllers, a 4-channel DMA controller, an enhanced secured digital host controller, and a general-purpose I/O port. The block diagram of the MPC8379E is shown in Figure 1. Figure 1. MPC8379E Block Diagram and Features The following features are supported in the MPC8379E: • e300c4s core built on Power Architecture™ technology with 32-Kbyte instruction cache and 32-Kbyte data cache, a floating point unit, and two integer units • DDR1/DDR2 memory controller supporting a 32/64-bit interface • Peripheral interfaces, such as a 32-bit PCI interface with up to 66-MHz operation • 32-bit local bus interface running up to 133-MHz • USB 2.0 (full/high speed) support • Power management controller for low-power consumption • High degree of software compatibility with previous-generation PowerQUICC processor-based designs for backward compatibility and easier software migration • Optional security engine provides acceleration for control and data plane security protocols The optional security engine (SEC 3.0) is noted with the extension “E” at the end. It allows CPU-intensive cryptographic operations to be offloaded from the main CPU core. The security-processing accelerator provides hardware acceleration for the DES, 3DES, AES, SHA-1, and MD-5 algorithms. DMA PCI MPC8379E USB 2.0 Hi-Speed SATA PHY Host Device PHY PHY PHY RGMII, RMII, eTSEC RTBI, MII DDR1/DDR2 SDRAM Security Enhanced e300 Core 32-Kbyte I-Cache 32-Kbyte D-Cache DUART Dual I2C Timers GPIO SPI Interrupt Controller Controller RGMII, RMII, eTSEC RTBI, MII Local Bus |