công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

MPC5643LF0VLQ8 bảng dữ liệu(PDF) 6 Page - Freescale Semiconductor, Inc

tên linh kiện MPC5643LF0VLQ8
Giải thích chi tiết về linh kiện  MPC5643L Microcontroller Data Sheet
PDF  98 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  FREESCALE [Freescale Semiconductor, Inc]
Trang chủ  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC5643LF0VLQ8 bảng dữ liệu(HTML) 6 Page - Freescale Semiconductor, Inc

Back Button MPC5643LF0VLQ8 Datasheet HTML 2Page - Freescale Semiconductor, Inc MPC5643LF0VLQ8 Datasheet HTML 3Page - Freescale Semiconductor, Inc MPC5643LF0VLQ8 Datasheet HTML 4Page - Freescale Semiconductor, Inc MPC5643LF0VLQ8 Datasheet HTML 5Page - Freescale Semiconductor, Inc MPC5643LF0VLQ8 Datasheet HTML 6Page - Freescale Semiconductor, Inc MPC5643LF0VLQ8 Datasheet HTML 7Page - Freescale Semiconductor, Inc MPC5643LF0VLQ8 Datasheet HTML 8Page - Freescale Semiconductor, Inc MPC5643LF0VLQ8 Datasheet HTML 9Page - Freescale Semiconductor, Inc MPC5643LF0VLQ8 Datasheet HTML 10Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 98 page
background image
MPC5643L Microcontroller Data Sheet, Rev. 3
Preliminary—Subject to Change Without Notice
Overview
Freescale Semiconductor
6
1.2
Block diagram
Figure 1 shows a top-level block diagram of the MPC5643L device.
Figure 1. MPC5643L block diagram
ADC
– Analog-to-Digital Converter
AIPS
– AHB to IP Slave Bus bridge
BAM
– Boot Assist Module
CMU
– Clock Monitoring Unit
CRC
– Cyclic Redundancy Check unit
CTU
– Cross Triggering Unit
DMA
– Direct Memory Access controller
DSPI
– Serial Peripherals Interface
ECC
– Error Correction Code
ECSM
– Error Correction Status Module
FCCU
– Fault Collection and Control Unit
FlexCAN
– Controller Area Network controller
FMPLL
– Frequency Modulated Phase Locked Loop
INTC
– Interrupt Controller
IRCOSC
– Internal RC Oscillator
JTAG
– Joint Test Action Group interface
MC
– Mode Entry, Clock, Reset, & Power
PIT
– Periodic Interrupt Timer
PMU
– Power Management Unit
RC
– Redundancy Checker
RTC
– Real Time Clock
SEMA4
– Semaphore Unit
SIUL
– System Integration Unit Lite
SSCM
– System Status and Configuration Module
STM
– System Timer Module
SWG
– Sine Wave Generator
SWT
– Software Watchdog Timer
TSENS
– Temperature Sensor
XOSC
– Crystal Oscillator
SRAM
PMU
SWT
ECSM
STM
INTC
DMA
Crossbar Switch
VLE
MMU
I-CACHE
SPE
e200z4
VLE
MMU
I-CACHE
SPE
e200z4
Memory Protection Unit
Crossbar Switch
Memory Protection Unit
AIPS Bridge
JTAG
Nexus
JTAG
Nexus
RC
RC
RC
RC
FlexRay
AIPS Bridge
TSENS
T-Sens
ECC bits
Flash memory
ECC bits + logic
SEMA4
PMU
SWT
ECSM
STM
INTC
DMA
SEMA4
ECC logic for SRAM
ECC logic for SRAM



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com