| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
MPC8533ECVTANFB bảng dữ liệu(PDF) 5 Page - Freescale Semiconductor, Inc |
|
|
|||||||||||||||||||||||||||||
MPC8533ECVTANFB bảng dữ liệu(HTML) 5 Page - Freescale Semiconductor, Inc |
|
5 / 116 page ![]() MPC8533E PowerQUICC™ III Integrated Processor Hardware Specifications, Rev. 3 Freescale Semiconductor 5 MPC8533E Overview – General-purpose chip select machine (GPCM) – Three user programmable machines (UPMs) — Parity support — Default boot ROM chip select with configurable bus width (8, 16, or 32 bits) • Two enhanced three-speed Ethernet controllers (eTSECs) — Three-speed support (10/100/1000 Mbps) — Two IEEE Std 802.3®, IEEE 802.3u, IEEE 802.3x, IEEE 802.3z, IEEE 802.3ac, and IEEE 802.3ab-compliant controllers — Support for various Ethernet physical interfaces: – 1000 Mbps full-duplex IEEE 802.3 GMII, IEEE 802.3z TBI, RTBI, and RGMII. – 10/100 Mbps full- and half-duplex IEEE 802.3 MII, IEEE 802.3 RGMII, and RMII. — Flexible configuration for multiple PHY interface configurations. — TCP/IP acceleration and QoS features available – IP v4 and IP v6 header recognition on receive – IP v4 header checksum verification and generation – TCP and UDP checksum verification and generation – Per-packet configurable acceleration – Recognition of VLAN, stacked (queue in queue) VLAN, 802.2, PPPoE session, MPLS stacks, and ESP/AH IP-security headers – Supported in all FIFO modes — Quality of service support: – Transmission from up to eight physical queues – Reception to up to eight physical queues — Full- and half-duplex Ethernet support (1000 Mbps supports only full duplex): – IEEE 802.3 full-duplex flow control (automatic PAUSE frame generation or software-programmed PAUSE frame generation and recognition) — Programmable maximum frame length supports jumbo frames (up to 9.6 Kbytes) and IEEE Std 802.1™ virtual local area network (VLAN) tags and priority — VLAN insertion and deletion – Per-frame VLAN control word or default VLAN for each eTSEC – Extracted VLAN control word passed to software separately — Retransmission following a collision — CRC generation and verification of inbound/outbound frames — Programmable Ethernet preamble insertion and extraction of up to 7 bytes — MAC address recognition: – Exact match on primary and virtual 48-bit unicast addresses – VRRP and HSRP support for seamless router fail-over – Up to 16 exact-match MAC addresses supported |