| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
MPC5643LF0VLQ1 bảng dữ liệu(PDF) 25 Page - Freescale Semiconductor, Inc |
|
|
|||||||||||||||||||||||||||||
MPC5643LF0VLQ1 bảng dữ liệu(HTML) 25 Page - Freescale Semiconductor, Inc |
|
25 / 98 page ![]() Package pinouts and signal descriptions MPC5643L Microcontroller Data Sheet, Rev. 3 Preliminary—Subject to Change Without Notice Freescale Semiconductor 25 2.2 Pin descriptions The following sections provide signal descriptions and related information about the functionality and configuration for this device. 2.2.1 Concatenated pins Table 3 provides the concatenated ball names (pin muxing) for the pins shown in Figure 2 and the balls shown in Figure 3, including the functional group for the pin. This table provides a cross-reference for the two packages. Table 3 lists the concatenated ball names (pin muxing) in alphanumeric order for the balls shown in Figure 3, including the functional group. Table 3. Concatenated pin names Pin No. 144 LQFP Ball No. 257 MAPBGA Concatenated Pin Names 1E4 NMI 2 G4 A[6] / siul_GPIO[6] / dspi1_SCK / siul_EIRQ[6] 3 E3 D[1] / siul_GPIO[49] / etimer1_ETC[2] / ctu0_EXT_TGR / flexray_CA_RX 4 D2 F[4] / siul_GPIO[84] / npc_wrapper_MDO[3] 5 D1 F[5] / siul_GPIO[85] / npc_wrapper_MDO[2] 6VDD_HV1 VDD_HV_IO 7 VSS_HV2 VSS_HV_IO 8 E2 F[6] / siul_GPIO[86] / npc_wrapper_MDO[1] 9E1 MDO0 10 F3 A[7] / siul_GPIO[7] / dspi1_SOUT / siul_EIRQ[7] 11 H3 C[4] / siul_GPIO[36] / dspi0_CS0 / flexpwm0_X[1] / sscm_DEBUG[4] / siul_EIRQ[22] 12 F4 A[8] / siul_GPIO[8] / dspi1_SIN / siul_EIRQ[8] 13 G3 C[5] / siul_GPIO[37] / dspi0_SCK / sscm_DEBUG[5] / flexpwm0_FAULT[3] / siul_EIRQ[23] 14 H4 A[5] / siul_GPIO[5] / dspi1_CS0 / etimer1_ETC[5] / dspi0_CS7 / siul_EIRQ[5] 15 K4 C[7] / siul_GPIO[39] / flexpwm0_A[1] / sscm_DEBUG[7] / dspi0_SIN 16 J3 VDD_HV_REG_0 17 VSS_LV3 VSS_LV_COR 18 VDD_LV4 VDD_LV_COR 19 J1 F[7] / siul_GPIO[87] / npc_wrapper_MCKO 20 K2 F[8] / siul_GPIO[88] / npc_wrapper_MSEO[1] 21 VDD_HV3 VDD_HV_IO 22 VSS_HV4 VSS_HV_IO 23 K1 F[9] / siul_GPIO[89] / npc_wrapper_MSEO[0] 24 L1 F[10] / siul_GPIO[90] / npc_wrapper_EVTO 25 L2 F[11] / siul_GPIO[91] / leo_sor0_EVTI |