| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
MPC5643LFF0MLQ1 bảng dữ liệu(PDF) 5 Page - Freescale Semiconductor, Inc |
|
|
|||||||||||||||||||||||||||||
MPC5643LFF0MLQ1 bảng dữ liệu(HTML) 5 Page - Freescale Semiconductor, Inc |
|
5 / 98 page ![]() Overview MPC5643L Microcontroller Data Sheet, Rev. 3 Preliminary—Subject to Change Without Notice Freescale Semiconductor 5 Packages Known Good Die (KGD) Yes LQFP 144 pins MAPBGA 257 MAPBGA Temperature Temperature range (junction) –40 to 150 °C Ambient temperature range using external ballast transistor (LQFP) –40 to 125 °C Ambient temperature range using external ballast transistor (BGA) TBD NOTES: 1 The third eTimer is available only in the BGA package. 2 The second FlexPWM module is available only in the BGA package. Table 1. MPC5643L device summary (continued) Feature MPC5643L |