công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

MPC5643LF0MMM1R bảng dữ liệu(PDF) 14 Page - Freescale Semiconductor, Inc

tên linh kiện MPC5643LF0MMM1R
Giải thích chi tiết về linh kiện  MPC5643L Microcontroller Data Sheet
PDF  98 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  FREESCALE [Freescale Semiconductor, Inc]
Trang chủ  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC5643LF0MMM1R bảng dữ liệu(HTML) 14 Page - Freescale Semiconductor, Inc

Back Button MPC5643LF0MMM1R Datasheet HTML 10Page - Freescale Semiconductor, Inc MPC5643LF0MMM1R Datasheet HTML 11Page - Freescale Semiconductor, Inc MPC5643LF0MMM1R Datasheet HTML 12Page - Freescale Semiconductor, Inc MPC5643LF0MMM1R Datasheet HTML 13Page - Freescale Semiconductor, Inc MPC5643LF0MMM1R Datasheet HTML 14Page - Freescale Semiconductor, Inc MPC5643LF0MMM1R Datasheet HTML 15Page - Freescale Semiconductor, Inc MPC5643LF0MMM1R Datasheet HTML 16Page - Freescale Semiconductor, Inc MPC5643LF0MMM1R Datasheet HTML 17Page - Freescale Semiconductor, Inc MPC5643LF0MMM1R Datasheet HTML 18Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 98 page
background image
MPC5643L Microcontroller Data Sheet, Rev. 3
Preliminary—Subject to Change Without Notice
Overview
Freescale Semiconductor
14
•
Fault tolerant output
•
Safe internal RC oscillator as reference clock
•
Windowed watchdog
•
Program flow control monitor with 16-bit pseudorandom key generation
•
Allows a high level of safety (SIL3 monitor)
The SWT module is replicated for each processor.
1.3.21
Fault Collection and Control Unit (FCCU)
The FCCU module has the following features:
•
Redundant collection of hardware checker results
•
Redundant collection of error information and latch of faults from critical modules on the device
•
Collection of self-test results
•
Configurable and graded fault control
— Internal reactions (no internal reaction, IRQ, Functional Reset, Destructive Reset, or Safe mode entered)
— External reaction (failure is reported to the external/surrounding system via configurable output pins)
1.3.22
System Integration Unit Lite (SIUL)
The SIUL controls MCU reset configuration, pad configuration, external interrupt, general purpose I/O (GPIO), internal
peripheral multiplexing, and the system reset operation. The reset configuration block contains the external pin boot
configuration logic. The pad configuration block controls the static electrical characteristics of I/O pins. The GPIO block
provides uniform and discrete input/output control of the I/O pins of the MCU.
The SIU provides the following features:
•
Centralized pad control on per pin basis
— Pin function selection
— Configurable weak pull-up/down
— Configurable slew rate control (slow/medium/fast)
— Hysteresis on GPIO pins
— Configurable automatic safe mode pad control
•
Input filtering for external interrupts
1.3.23
Non-Maskable Interrupt (NMI)
The non-maskable interrupt with de-glitching filter supports high priority core exceptions.
1.3.24
Boot Assist Module (BAM)
The BAM is a block of read-only memory with hard-coded content. The BAM program is executed only if serial booting mode
is selected via boot configuration pins.
The BAM provides the following features:
•
Enables booting via serial mode (FlexCAN or LINFlex-UART)
•
Supports programmable 64-bit password protection for serial boot mode
•
Supports serial bootloading of either classic PowerPC Book E code (default) or Freescale VLE code
•
Automatic switch to serial boot mode if internal flash memory is blank or invalid



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com