công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

MPC5643LFF0MMM1R bảng dữ liệu(PDF) 7 Page - Freescale Semiconductor, Inc

tên linh kiện MPC5643LFF0MMM1R
Giải thích chi tiết về linh kiện  MPC5643L Microcontroller Data Sheet
PDF  98 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  FREESCALE [Freescale Semiconductor, Inc]
Trang chủ  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC5643LFF0MMM1R bảng dữ liệu(HTML) 7 Page - Freescale Semiconductor, Inc

Back Button MPC5643LFF0MMM1R Datasheet HTML 3Page - Freescale Semiconductor, Inc MPC5643LFF0MMM1R Datasheet HTML 4Page - Freescale Semiconductor, Inc MPC5643LFF0MMM1R Datasheet HTML 5Page - Freescale Semiconductor, Inc MPC5643LFF0MMM1R Datasheet HTML 6Page - Freescale Semiconductor, Inc MPC5643LFF0MMM1R Datasheet HTML 7Page - Freescale Semiconductor, Inc MPC5643LFF0MMM1R Datasheet HTML 8Page - Freescale Semiconductor, Inc MPC5643LFF0MMM1R Datasheet HTML 9Page - Freescale Semiconductor, Inc MPC5643LFF0MMM1R Datasheet HTML 10Page - Freescale Semiconductor, Inc MPC5643LFF0MMM1R Datasheet HTML 11Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 98 page
background image
Overview
MPC5643L Microcontroller Data Sheet, Rev. 3
Preliminary—Subject to Change Without Notice
Freescale Semiconductor
7
1.3
Feature details
1.3.1
High-performance e200z4d core
The e200z4d Power Architecture™ core provides the following features:
•
Two independent execution units, both supporting fixed-point and floating-point operations
•
Dual issue 32-bit Power Architecture™ (Book E) compliant
— Five-stage pipeline (IF, DEC, EX1, EX2, WB)
— In-order execution and instruction retirement
•
Full support for Power Architecture instruction set and Variable Length Encoding (VLE)
— Mix of classic 32-bit and 16-bit instruction allowed
— Optimization of code size possible
•
Thirty-two 64-bit general purpose registers (GPRs)
•
Harvard bus (32-bit address, 64-bit data)
— I-Bus interface capable of one outstanding transaction plus one piped with no wait-on-data return
— D-Bus interface capable of two transactions outstanding to fill AHB pipe
•
I-cache and I-cache controller
— 4 KB, 256-bit cache line (programmable for 2- or 4-way)
•
No data cache
•
16-entry MMU
•
8-entry branch table buffer
•
Branch look-ahead instruction buffer to accelerate branching
•
Dedicated branch address calculator
•
Three cycles worst case for missed branch
•
Load/store unit
— Fully pipelined
— Single-cycle load latency
— Big- and little-endian modes supported
— Misaligned access support
— Single stall cycle on load to use
•
Single-cycle throughput (two-cycle latency) integer 32 × 32 multiplication
•
4 – 14 cycles integer 32 × 32 division (average division on various benchmark of nine cycles)
•
Single precision floating-point unit
— 1 cycle throughput (2-cycle latency) floating-point 32 × 32 multiplication
— Target nine cycles (worst case acceptable is 12 cycles) throughput floating-point 32 × 32 division
— Special square root and min/max function implemented
•
Signal processing support: APU-SPE 1.1
— Support for vectorized mode: as many as two floating-point instructions per clock
•
Vectored interrupt support
•
Reservation instruction to support read-modify-write constructs
•
Extensive system development and tracing support via Nexus debug port



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com