| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
MPC5643LF0MLQ1R bảng dữ liệu(PDF) 97 Page - Freescale Semiconductor, Inc |
|
|
|||||||||||||||||||||||||||||
MPC5643LF0MLQ1R bảng dữ liệu(HTML) 97 Page - Freescale Semiconductor, Inc |
|
97 / 98 page ![]() Document revision history MPC5643L Microcontroller Data Sheet, Rev. 3 Preliminary—Subject to Change Without Notice Freescale Semiconductor 97 6 Document revision history Table 38 summarizes revisions to this document. PPC5643LF0MLQ8 1 MB/128 KB 144 LQFP (Pb free) 80 No FlexRay –40–125 °C PPC5643LF0MMM8 1 MB/128 KB 257 MAPBGA (Pb free) 80 No FlexRay –40–125 °C PPC5643LFF0VLQ8 1 MB/128 KB 144 LQFP (Pb free) 80 FlexRay –40–105 °C PPC5643LFF0VMM8 1 MB/128 KB 257 MAPBGA (Pb free) 80 FlexRay –40–105 °C PPC5643LF0VLQ8 1 MB/128 KB 144 LQFP (Pb free) 80 No FlexRay –40–105 °C PPC5643LF0VMM8 1 MB/128 KB 257 MAPBGA (Pb free) 80 No FlexRay –40–105 °C NOTES: 1 All packaged devices are PPC, rather than MPC or SPC, until product qualifications are complete. The unpackaged device prefix is PCC, rather than SCC, until product qualification is complete. Not all configurations are available in the PPC parts. Table 38. Revision history Revision Date Description of Changes 1 2 Mar 2009 Initial release. 2 5 May 2009 Updated, Advance Information. —Revised SINAD/SNR specifications. — Updated pinout and pin multiplexing information. 3 5 Oct 2009 Updated, Advance Information, Public release. — Throughout this document, added information for 257 MAPBGA package. — Updated Table 1, MPC5643L device summary. — Updated Section 1.3, Feature Details. — Updated pin-out and pin multiplexing tables. — In Section 3, Electrical characteristics, added symbols for signal characterization methods. — In Table 8, updated maximum ratings. — In Table 10 and Table 11, removed moving-air thermal characteristics. — Updated Section 3.8, Voltage regulator electrical characteristics. — Updated Section 3.14, ADC electrical characteristics. — Updated Section 3.15, Flash memory electrical characteristics. — Updated Section 3.17.1, RESET pin characteristics. — Removed External interrupt timing (IRQ pin) timing specifications. — Updated Section 3.17.6, DSPI timing. — Updated Section 5, Ordering information. Table 37. Orderable part number summary (continued) Part number1 Flash/SRAM Package Speed (MHz) Other features |