| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
MPC5643LFF0MLQ1R bảng dữ liệu(PDF) 72 Page - Freescale Semiconductor, Inc |
|
|
|||||||||||||||||||||||||||||
MPC5643LFF0MLQ1R bảng dữ liệu(HTML) 72 Page - Freescale Semiconductor, Inc |
|
72 / 98 page ![]() MPC5643L Microcontroller Data Sheet, Rev. 3 Preliminary—Subject to Change Without Notice Electrical characteristics Freescale Semiconductor 72 3.14 ADC electrical characteristics The device provides a 10-bit Successive Approximation Register (SAR) Analog-to-Digital Converter. Figure 21. ADC Characteristics and Error Definitions 3.14.1 Input Impedance and ADC Accuracy To preserve the accuracy of the A/D converter, it is necessary that analog input pins have low AC impedance. Placing a capacitor with good high frequency characteristics at the input pin of the device can be effective: the capacitor should be as large as possible, ideally infinite. This capacitor contributes to attenuating the noise present on the input pin; further, it sources charge during the sampling phase, when the analog signal source is a high-impedance source. A real filter can typically be obtained by using a series resistance with a capacitor on the input pin (simple RC filter). The RC filtering may be limited according to the value of source impedance of the transducer or circuit supplying the analog signal to (2) (1) (3) (4) (5) Offset Error OSE Offset Error OSE Gain Error GE 1 LSB (ideal) Vin(A) (LSBideal) (1) Example of an actual transfer curve (2) The ideal transfer curve (3) Differential non-linearity error (DNL) (4) Integral non-linearity error (INL) (5) Center of a step of the actual transfer curve code out 1023 1022 1021 1020 1019 1018 5 4 3 2 1 0 7 6 1 2 3 4 5 6 7 1017 1018 1019 1020 1021 1022 1023 1 LSB ideal = VDD_ADC / 1024 |