| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
SC9RS08KA1J3CSC bảng dữ liệu(PDF) 70 Page - Freescale Semiconductor, Inc |
|
|
|||||||||||||||||||||||||||||
SC9RS08KA1J3CSC bảng dữ liệu(HTML) 70 Page - Freescale Semiconductor, Inc |
|
70 / 134 page ![]() Chapter 8 Central Processor Unit (RS08CPUV1) SC9RS08KA2 Series Data Sheet, Rev. 1 70 Freescale Semiconductor BSR rel Branch Subroutine PC ← (PC) + 2 Push PC to shadow PC PC ← (PC) + rel —— REL AD rr 3 CBEQA #opr8i,rel CBEQ opr8a,rel CBEQ ,X,rel (1),(2) CBEQ X,rel (1) Compare and Branch if Equal PC ← (PC) + $0003 + rel, if (A) – (M) = $00 PC ← (PC) + $0003 + rel, if (A) – (M) = $00 PC ← (PC) + $0003 + rel, if (A) – (X) = $00 —— IMM DIR IX DIR 41 31 31 31 ii rr dd rr 0E rr 0F rr 4 5 5 5 CLC Clear Carry Bit C ← 0 —0 INH 38 1 CLR opr8a CLR opr5a CLR ,X (1) CLRA CLRX (1) Clear M ← $00 A ← $00 X ← $00 1— DIR SRT IX INH INH 3F 8x / 9x 8E 4F 8F dd 3 2 2 1 2 CMP #opr8i CMP opr8a CMP ,X (1) CMP X (1) Compare Accumulator with Memory (A) – (M) (A) – (X) IMM DIR IX INH A1 B1 B1 B1 ii dd 0E 0F 2 3 3 3 COMA Complement (One’s Complement) A ← (A) 1INH 43 1 DBNZ opr8a,rel DBNZ ,X,rel (1) DBNZA rel DBNZX rel (1) Decrement and Branch if Not Zero A ←(A)–$01orM ←(M)-$01 PC ← (PC) + $0003 + rel if (result) ≠ 0 for DBNZ direct PC ← (PC) + $0002 + rel if (result) ≠ 0 for DBNZA X ←(X)–$01 PC ← (PC) + $0003 + rel if (result) ≠ 0 —— DIR IX INH INH 3B 3B 4B 3B dd rr 0E rr rr 0F rr 7 7 4 7 DEC opr8a DEC opr4a DEC ,X (1) DECA DEC X Decrement M ← (M) – $01 A ← (A) – $01 X ← (X) – $01 — DIR TNY IX INH DIR 3A 5x 5E 4A 5F dd 5 4 4 1 4 EOR #opr8i EOR opr8a EOR ,X (1) EOR X Exclusive OR Memory with Accumulator A ← (A ⊕ M) A ← (A ⊕ X) — IMM DIR IX DIR A8 B8 B8 B8 ii dd 0E 0F 2 3 3 3 INC opr8a INC opr4a INC ,X (1) INCA INCX (1) Increment M ← (M) + $01 A ← (A) + $01 X ← (X) + $01 — DIR TNY IX INH INH 3C 2x 2E 4C 2F dd 5 4 4 1 4 JMP opr16a Jump PC ← Effective Address — — EXT BC hh ll 4 JSR opr16a Jump to Subroutine PC ← (PC) + 3 Push PC to shadow PC PC ← Effective Address — — EXT BD hh ll 4 LDA #opr8i LDA opr8a LDA opr5a LDA ,X (1) Load Accumulator from Memory A ← (M) — IMM DIR SRT IX A6 B6 Cx/Dx CE ii dd 2 3 3 3 Table 8-1. Instruction Set Summary (Sheet 4 of 6) Source Form Description Operation Effect on CCR ZC 1. This is a pseudo instruction supported by the normal RS08 instruction set. 2. This instruction is different from that of the HC08 and HCS08 in that the RS08 does not auto-increment the index register. |