công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

MPVZ5004G bảng dữ liệu(PDF) 1 Page - Freescale Semiconductor, Inc

tên linh kiện MPVZ5004G
Giải thích chi tiết về linh kiện  Integrated Silicon Pressure Sensor On-Chip Signal Conditioned, Temperature Compensated and Calibrated
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  FREESCALE [Freescale Semiconductor, Inc]
Trang chủ  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPVZ5004G bảng dữ liệu(HTML) 1 Page - Freescale Semiconductor, Inc

  MPVZ5004G Datasheet HTML 1Page - Freescale Semiconductor, Inc MPVZ5004G Datasheet HTML 2Page - Freescale Semiconductor, Inc MPVZ5004G Datasheet HTML 3Page - Freescale Semiconductor, Inc MPVZ5004G Datasheet HTML 4Page - Freescale Semiconductor, Inc MPVZ5004G Datasheet HTML 5Page - Freescale Semiconductor, Inc MPVZ5004G Datasheet HTML 6Page - Freescale Semiconductor, Inc MPVZ5004G Datasheet HTML 7Page - Freescale Semiconductor, Inc MPVZ5004G Datasheet HTML 8Page - Freescale Semiconductor, Inc MPVZ5004G Datasheet HTML 9Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 22 page
background image
MPXV5004G
Rev 12, 09/2009
Freescale Semiconductor
© Freescale Semiconductor, Inc., 2006-2009. All rights reserved.
Pressure
Integrated Silicon Pressure Sensor
On-Chip Signal Conditioned,
Temperature Compensated and
Calibrated
The MPxx5004 series piezoresistive transducer is a state-of-the-art
monolithic silicon pressure sensor designed for a wide range of applications,
but particularly those employing a microcontroller or microprocessor with A/D
inputs. This sensor combines a highly sensitive implanted strain gauge with
advanced micromachining techniques, thin-film metallization, and bipolar
processing to provide an accurate, high level analog output signal that is
proportional to the applied pressure.
Features
• 1.5% Maximum Error for 0 to 100 mm H2O over +10° to +60°C with Auto Zero
• 2.5% Maximum Error for 100 to 400 mm H2O over +10° to +60°C with Auto Zero
• 6.25% Maximum Error for 0 to 400 mm H2O over +10° to +60°C without Auto Zero
• Temperature Compensated over 10
° to 60°C
• Available in Gauge Surface Mount (SMT) or Through-Hole (DIP) Configurations
• Durable Thermoplastic (PPS) Package
ORDERING INFORMATION
Device Name
Case
No.
# of Ports
Pressure Type
Device
Marking
None
Single
Dual
Gauge
Differential
Absolute
Small Outline Package (MPXV5004 Series)
MPXV5004DP
1351
•
•
MPXV5004DP
MPXV5004GC6T1
482A
•
•
MPXV5004G
MPXV5004GC6U
482A
•
•
MPXV5004G
MPXV5004GC7U
482C
•
•
MPXV5004G
MPXV5004GP
1369
•
•
MPXV5004GP
MPXV5004GPT1
1369
•
•
MPXV5004GP
MPXV5004GVP
1368
•
•
MPXV5004GVP
Small Outline Package (Media Resistant Gel) (MPVZ5004 Series)
MPVZ5004G6T1
482
•
•
MPVZ5004G
MPVZ5004G6U
482
•
•
MPVZ5004G
MPVZ5004G7U
482B
•
•
MPVZ5004G
MPVZ5004GC6U
482A
•
•
MPVZ5004G
MPVZ5004GW6U
1735
•
•
MZ5004GW
MPVZ5004GW7U
1560
•
•
MZ5004GW
MPXV5004
Series
0 to 3.92 kPa
(0 to 400 mm H2O)
1.0 to 4.9 V Output
MPVZ5004
Application Examples
• Washing Machine Water Level
• Ideally Suited for Microprocessor or
Microcontroller-Based Systems
• Appliance Liquid Level and Pressure
Measurement
• Respiratory Equipment


Số phần tương tự - MPVZ5004G

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Freescale Semiconductor...
MPVZ5004G FREESCALE-MPVZ5004G Datasheet
358Kb / 12P
Integrated Silicon Pressure Sensor On-Chip Signal Conditioned, Temperature Compensated and Calibrated
MPVZ5004G6T1 FREESCALE-MPVZ5004G6T1 Datasheet
358Kb / 12P
Integrated Silicon Pressure Sensor On-Chip Signal Conditioned, Temperature Compensated and Calibrated
logo
NXP Semiconductors
MPVZ5004G6T1 NXP-MPVZ5004G6T1 Datasheet
602Kb / 26P
MPxx5004, 0 to 3.92 kPa, Differential and Gauge, Integrated Pressure Sensor
Rev. 12.1, 05/2015
logo
Freescale Semiconductor...
MPVZ5004G6U FREESCALE-MPVZ5004G6U Datasheet
358Kb / 12P
Integrated Silicon Pressure Sensor On-Chip Signal Conditioned, Temperature Compensated and Calibrated
logo
NXP Semiconductors
MPVZ5004G6U NXP-MPVZ5004G6U Datasheet
602Kb / 26P
MPxx5004, 0 to 3.92 kPa, Differential and Gauge, Integrated Pressure Sensor
Rev. 12.1, 05/2015
More results

Mô tả tương tự - MPVZ5004G

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Freescale Semiconductor...
MPX4080D FREESCALE-MPX4080D Datasheet
174Kb / 8P
Integrated Silicon Pressure Sensor On-Chip Signal Conditioned, Temperature Compensated and Calibrated
MPX5050 FREESCALE-MPX5050 Datasheet
255Kb / 14P
Integrated Silicon Pressure Sensor On-Chip Signal Conditioned, Temperature Compensated and Calibrated
MPVZ5150 FREESCALE-MPVZ5150 Datasheet
206Kb / 7P
Integrated Silicon Pressure Sensor On-Chip Signal Conditioned, Temperature Compensated and Calibrated
MPX5010 FREESCALE-MPX5010 Datasheet
443Kb / 18P
Integrated Silicon Pressure Sensor On-Chip Signal Conditioned, Temperature Compensated and Calibrated
MP3V5050 FREESCALE-MP3V5050 Datasheet
214Kb / 11P
Integrated Silicon Pressure Sensor On-Chip Signal Conditioned, Temperature Compensated and Calibrated
MP3V5100 FREESCALE-MP3V5100 Datasheet
111Kb / 9P
Integrated Silicon Pressure Sensor On-Chip Signal Conditioned, Temperature Compensated and Calibrated
MPXV4115V FREESCALE-MPXV4115V_12 Datasheet
94Kb / 10P
Integrated Silicon Pressure Sensor On-Chip Signal Conditioned Temperature Compensated, and Calibrated
logo
NXP Semiconductors
MP3V7007 NXP-MP3V7007 Datasheet
156Kb / 10P
Integrated Silicon Pressure Sensor On-Chip Signal Conditioned, Temperature Compensated and Calibrated
Rev 0, 11/2008
MPX4250 NXP-MPX4250 Datasheet
173Kb / 9P
Integrated Silicon Pressure Sensor On-Chip Signal Conditioned, Temperature Compensated and Calibrated
Rev 7, 1/2009
MPXV7007 NXP-MPXV7007 Datasheet
949Kb / 19P
Integrated silicon pressure sensor, on-chip signal conditioned, temperature compensated and calibrated
Rev. 4-26 January 2021
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com