| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
PCF2119FU/2/F2 bảng dữ liệu(PDF) 76 Page - NXP Semiconductors |
|
|
|||||||||||||||||||||||||||||
PCF2119FU/2/F2 bảng dữ liệu(HTML) 76 Page - NXP Semiconductors |
|
76 / 79 page ![]() PCF2119X_5 © NXP B.V. 2009. All rights reserved. Product data sheet Rev. 05 — 13 August 2009 76 of 79 NXP Semiconductors PCF2119x LCD controllers/drivers 20. Abbreviations Table 48. Abbreviations Acronym Description CGRAM Character Generator RAM CGROM Character Generator ROM CMOS Complementary Metal Oxide Semiconductor COG Chip-On-Glass DC Direct Current DDRAM Display Data RAM HBM Human Body Model I2C Inter-Integrated Circuit IC Integrated Circuit ITO Indium Tin Oxide LCD Liquid Crystal Display LSB Least Significant Bit MM Machine Model MSB Most Significant Bit MSL Moisture Sensitivity Level MUX Multiplexer PCB Printed-Circuit Board POR Power-On Reset RAM Random Access Memory RMS Root Mean Square ROM Read Only Memory SCL Serial Clock Line SDA Serial Data Line |