| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
PCF8576D bảng dữ liệu(PDF) 45 Page - NXP Semiconductors |
|
|
|||||||||||||||||||||||||||||
PCF8576D bảng dữ liệu(HTML) 45 Page - NXP Semiconductors |
|
45 / 52 page ![]() PCF8576D_9 © NXP B.V. 2009. All rights reserved. Product data sheet Rev. 09 — 25 August 2009 45 of 52 NXP Semiconductors PCF8576D Universal LCD driver for low multiplex rates For further information on temperature profiles, refer to Application Note AN10365 “Surface mount reflow soldering description”. 18. Soldering of WLCSP packages 18.1 Introduction to soldering WLCSP packages This text provides a very brief insight into a complex technology. A more in-depth account of soldering WLCSP (Wafer Level Chip-Size Packages) can be found in application note AN10439 “Wafer Level Chip Scale Package” and in application note AN10365 “Surface mount reflow soldering description”. Wave soldering is not suitable for this package. All NXP WLCSP packages are lead-free. 18.2 Board mounting Board mounting of a WLCSP requires several steps: 1. Solder paste printing on the PCB 2. Component placement with a pick and place machine 3. The reflow soldering itself 18.3 Reflow soldering Key characteristics in reflow soldering are: • Lead-free versus SnPb soldering; note that a lead-free reflow process usually leads to higher minimum peak temperatures (see Figure 32) than a PbSn process, thus reducing the process window MSL: Moisture Sensitivity Level Fig 31. Temperature profiles for large and small components 001aac844 temperature time minimum peak temperature = minimum soldering temperature maximum peak temperature = MSL limit, damage level peak temperature |